Electronic Components Datasheet Search
  English  ▼

X  

FT232RQ Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT232RQ
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RQ Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT232RQ Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 5
3. Block Diagram
3.1 Block Diagram (Simplified)
Figure 1 - FT232R Block Diagram
3.2 Functional Block Descriptions
3.3V LDO Regulator - The 3.3V LDO Regulator generates the 3.3V reference voltage for driving the USB transceiver
cell output buffers. It requires an external decoupling capacitor to be attached to the 3V3OUT regulator output pin. It
also provides 3.3V power to the 1.5kΩ internal pull up resistor on USBDP. The main function of this block is to power
the USB Transceiver and the Reset Generator Cells rather than to power external logic. However, external circuitry
requiring a 3.3V nominal supply at a current of around than 50mA could also draw its power from the 3V3OUT pin, if
required.
USB Transceiver - The USB Transceiver Cell provides the USB 1.1 / USB 2.0 full-speed physical interface to the USB
cable. The output drivers provide 3.3V level slew rate control signalling, whilst a differential receiver and two single
ended receivers provide USB data in, SEO and USB Reset condition detection. This Cell also incorporates internal
USB series resistors on the USB data lines, and a 1.5kΩ pull up resistor on USBDP.
USB DPLL - The USB DPLL cell locks on to the incoming NRZI USB data and provides separate recovered clock and
data signals to the SIE block.
Internal 12MHz Oscillator - The Internal 12MHz Oscillator cell generates a 12MHz reference clock input to the x4
Clock multiplier. The 12MHz Oscillator is also used as the reference clock for the SIE, USB Protocol Engine and
UART FIFO controller blocks
Clock Multiplier / Divider - The Clock Multiplier / Divider takes the 12MHz input from the Oscillator Cell and
generates the 48MHz, 24MHz, 12MHz, and 6MHz reference clock signals. The 48Mz clock reference is used for the
USB DPLL and the Baud Rate Generator blocks.
Clock
Multiplier /
Divider
UART
FIFO Controller
Serial Interface
Engine
( SIE )
USB
Protocol Engine
Baud Rate
Generator
UART Controller
with
Programmable
Signal Inversion
and High Drive
3.3 Volt
LDO
Regulator
USB
Transceiver
with
Integrated
Series
Resistors
and 1.5K
Pull-up
USB DPLL
Internal
12MHz
Oscillator
48MHz
48MHz
OCSI
(optional)
OSCO
(optional)
USBDP
USBDM
3V3OUT
VCC
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS2
CBUS3
RESET#
TEST
GND
RESET
GENERATOR
3V3OUT
CBUS1
FIFO TX Buffer
128 bytes
FIFO RX Buffer
256 bytes
Internal
EEPROM
To USB Transceiver Cell
CBUS4
24 MHz
12 MHz
6 MHz
To USB
Transceiver
Cell
VCCIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com