Electronic Components Datasheet Search
  English  ▼

X  

PM8805 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 10Page - STMicroelectronics PM8805 Datasheet HTML 11Page - STMicroelectronics PM8805 Datasheet HTML 12Page - STMicroelectronics PM8805 Datasheet HTML 13Page - STMicroelectronics PM8805 Datasheet HTML 14Page - STMicroelectronics PM8805 Datasheet HTML 15Page - STMicroelectronics PM8805 Datasheet HTML 16Page - STMicroelectronics PM8805 Datasheet HTML 17Page - STMicroelectronics PM8805 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Electrical specifications
PM8805
14/48
DS12813 Rev 2
3.3
Thermal data
Table 5. Thermal data
Symbol
Parameter
Max. value
Unit
RTHJA
Thermal resistance junction to ambient(1)
1. Device mounted on a 4" x 4" wide, 4-layer board (2 signal + 2 power), Cu thickness 35 micron, with:
- 4 small exposed pad (EP1-4) copper areas connected to two power planes plus an external layer of
0.12"x0.12" inches minimum size; those areas are connected together with a minimum of 2x3 via holes.
- a large central exposed pad (EP5) and hot swap exposed pad (EP6) copper area connected to two power
planes of 1"x1" inches plus two layers with "minimum pad size shape": those areas are connected with a
minimum of 3 times 2x3 via holes placed close the dissipating zone of the device.
See Section 7 for more details.
30
°C/W
RTHJB
Thermal resistance junction to board(1)
15
°C/W
Pd max
Maximum power dissipation of device(2)
2. Device mounted on the board as described in Note 1 and Tambient = 85°C.
The indicated maximum power dissipation for the device has been calculated as: (TJmax -TAmax) / RTHJA.
The estimated worst case device power dissipation in 4P application is:
Bridge+ HotSwap+ Controller=4 x 0.15
Ω x 1A2 + 0.15Ω x 2 A2 + 0.1W = 1.3W.
1.3
W
TA
Operative ambient temperature range(3)
3. Heat sink is needed in order to not reach device thermal limitation.
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com