Electronic Components Datasheet Search
  English  ▼

X  

STELPD01APUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STELPD01APUR Datasheet HTML 7Page - STMicroelectronics STELPD01APUR Datasheet HTML 8Page - STMicroelectronics STELPD01APUR Datasheet HTML 9Page - STMicroelectronics STELPD01APUR Datasheet HTML 10Page - STMicroelectronics STELPD01APUR Datasheet HTML 11Page - STMicroelectronics STELPD01APUR Datasheet HTML 12Page - STMicroelectronics STELPD01APUR Datasheet HTML 13Page - STMicroelectronics STELPD01APUR Datasheet HTML 14Page - STMicroelectronics STELPD01APUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Figure 7. EN/Fault driver circuit
5 V
STELPD01
30 μA
Fault driver
Fault signal
GND
VI(INT)ref
UVLO
EN/Fault
ON/OFF Comparator
To the logic control block
GND
Pull down block
VREF
6.8
External gate driver function for reverse blocking
The STELPD01 provides a dedicated gate drive signal on the VG pin which can be used to control an external
blocking MOSFET for reverse-current protection (RCP). See Figure 4.
When the internal control circuitry is enabled to perform output start-up ramp, the Vgate pin is pulled up by
External FET charging current IFET to the charge pump voltage referred to the Vin voltage in order to guarantee
the activation of external FET.
If the input voltage reaches Vclamp threshold the Vgate voltage is also clamped to a safe value of Vout + 5.5 V. See
Figure 23.
Reverse current protection is activated in case VIN falls below the undervoltage lockout (UVLO), the enable (EN)
voltage falls below the low-level threshold, or a fault event occurs.
For example, as VCC drops during input power removal, the device turn off internal FET and it sinks current from
the gate of the external FET to quickly turn it off, therefore blocking any current flow from the load to the input
side.
STELPD01
External gate driver function for reverse blocking
DS13254 - Rev 1
page 11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com