Electronic Components Datasheet Search
  English  ▼

X  

AP7315Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7315Q
Description  AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7315Q Datasheet HTML 1Page - Diodes Incorporated AP7315Q Datasheet HTML 2Page - Diodes Incorporated AP7315Q Datasheet HTML 3Page - Diodes Incorporated AP7315Q Datasheet HTML 4Page - Diodes Incorporated AP7315Q Datasheet HTML 5Page - Diodes Incorporated AP7315Q Datasheet HTML 6Page - Diodes Incorporated AP7315Q Datasheet HTML 7Page - Diodes Incorporated AP7315Q Datasheet HTML 8Page - Diodes Incorporated AP7315Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP7315Q
Document number: DS41596 Rev. 3 - 2
3 of 12
www.diodes.com
January 2021
© Diodes Incorporated
AP7315Q
Recommended Operating Conditions (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage Range
1.7
5.25
V
IOUT
Output Current
0
150
mA
TJ
Operating Junction Temperature
-40
+125
°C
TA
Operating Ambient Temperature (Note 5)
-40
+125
°C
Note:
5. Ambient temperature range is subject to the junction temperature not exceeding 125°C.
Electrical Characteristics
(@ TA = +25°C, unless otherwise specified. VEN = VIN = VOUT +1.0V, CIN = COUT
= 0.47µF, IOUT = 1.0mA)
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy (Note 6)
VOUT ≥ 2.0V, VIN = VOUT+1V, TA = +25°C
VOUT
× 0.99
VOUT
VOUT
× 1.01
V
VOUT < 2.0V, VIN = VOUT+1V, TA = +25°C
VOUT -20mV
VOUT
VOUT +
20mV
V
Line Regulation (dVOUT/dVIN/VOUT)
VIN = (VOUT – Nom + 1.0V) to 5.25V, IOUT = 1.0mA
—
0.02
0.1
%/V
Load Regulation (dVOUT/VOUT/dIOUT)
VIN = VOUT
- Nom + 1.0V, IOUT = 1mA to 150mA
—
0.5
1.0
%/A
Quiescent Current
(Note 7)
IOUT = 0mA
20
35
60
μA
IOUT = 150mA
30
60
100
ISTANDBY
VEN = 0V (Disabled)
—
0.01
1.0
μA
Output Current
—
150
—
—
mA
Fold-back Short Current (Note 8)
VOUT Short to Ground
—
55
—
mA
PSRR (Note 9)
VIN = (VOUT+1V)VDC +
0.2Vp-pAC,
VOUT ≥ 1.8V, IOUT = 30mA
f = 1kHz
—
75
—
dB
Output Noise Voltage (Notes 9, 10)
BW = 10Hz to 100kHz, IOUT = 30mA
—
60
—
µVrms
Dropout Voltage
(Note 11)
IOUT = 150mA
1.1V ≤ VOUT < 1.5V
—
0.50
0.64
V
1.5V ≤ VOUT < 1.7V
—
0.38
0.49
1.7V ≤ VOUT < 2.0V
—
0.34
0.44
2.0V ≤ VOUT < 2.5V
—
0.28
0.38
2.5V ≤ VOUT < 2.8V
—
0.22
0.32
2.8V ≤ VOUT ≤ 3.3V
—
0.21
0.29
Output Voltage Temperature
Coefficient
IOUT = 30mA, TA = -40°C to +85°C
—
±30
—
ppm/°C
EN Input Low Voltage
—
0
—
0.5
V
EN Input High Voltage
—
1.3
—
5.25
V
EN Input Leakage
VEN = 0, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
—
+1.0
µA
On Resistance of N-channel for Auto-
Discharge (Note 12)
VIN = 4.0V VEN = 0V (Disabled)
—
30
—
Ω
Thermal Resistance (Note 13)
Junction to Ambient (ϴJA)
—
—
179
—
°C/W
Junction to Case (ϴJC)
—
—
52
—
Notes:
6. Potential multiple grades based on following output voltage accuracy.
7. Quiescent current is defined here is the difference in current between the input and the output.
8. Short circuit current is measured with VOUT pulled to GND.
9. This specification is guaranteed by design.
10. To make sure lowest environment noise minimizes the influence on noise measurement.
11. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value
12. AP7315Q has 2 options for output, built-in discharge and non-discharge.
13. Thermal impedances measured on PCB of type and size with which top layer and bottom layer metal coverage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com