Electronic Components Datasheet Search
  English  ▼

X  

AP7343Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7343Q
Description  AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7343Q Datasheet HTML 1Page - Diodes Incorporated AP7343Q Datasheet HTML 2Page - Diodes Incorporated AP7343Q Datasheet HTML 3Page - Diodes Incorporated AP7343Q Datasheet HTML 4Page - Diodes Incorporated AP7343Q Datasheet HTML 5Page - Diodes Incorporated AP7343Q Datasheet HTML 6Page - Diodes Incorporated AP7343Q Datasheet HTML 7Page - Diodes Incorporated AP7343Q Datasheet HTML 8Page - Diodes Incorporated AP7343Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP7343Q
Document number: DS41595 Rev. 3 - 2
2 of 16
www.diodes.com
April 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7343Q
Pin Descriptions
Pin Number
Pin Name
Function
1
VIN
Power Input Pin
2
GND
Ground
3
EN
Enable Pin
This pin must be driven either high or low and must not be floating.
Driving this pin high enables the regulator, and pulling it low puts the regulator into shutdown mode.
4
NC
No Connection
5
VOUT
Power Output Pin
Functional Block Diagram
GND
VOUT
VIN
EN
Current Limit
VREF
Thermal
Shutdown
GND
VOUT
VIN
EN
Current Limit
VREF
Thermal
Shutdown
DIODES™ AP7343DQ (With Discharge)
AP7343Q (Without Discharge)
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Mode ESD Protection
> 2
kV
ESD CDM
Charge Device Model
±500
V
VIN
Input Voltage
6.0
V
VEN
Input Voltage for EN Pin
6.0
V
VOUT
Output Voltage
-0.3 to VIN + 0.3
V
IOUT
Output Current
400
mA
PD
Power Dissipation
400
mW
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-55 to +150
°C
Note:
4. a). Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2inch x 2inch multilayer board with
1oz internal power and ground planes and 2oz copper traces on the top and bottom of the board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Output Current
0
300
mA
TJ
Operating Junction Temperature
-40
+125
°C
TA
Operating Ambient Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com