Electronic Components Datasheet Search
  English  ▼

X  

AP7381 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7381
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7381 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7381 Datasheet HTML 5Page - Diodes Incorporated AP7381 Datasheet HTML 6Page - Diodes Incorporated AP7381 Datasheet HTML 7Page - Diodes Incorporated AP7381 Datasheet HTML 8Page - Diodes Incorporated AP7381 Datasheet HTML 9Page - Diodes Incorporated AP7381 Datasheet HTML 10Page - Diodes Incorporated AP7381 Datasheet HTML 11Page - Diodes Incorporated AP7381 Datasheet HTML 12Page - Diodes Incorporated AP7381 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP7381
Document number: DS39917 Rev. 3 - 2
12 of 13
www.diodes.com
February 2020
© Diodes Incorporated
AP7381
Suggested Pad Layout (continued)
(2)
Package Type: SOT23
Y
G
Z
Y
X
E
Grid placement courtyard
Dimensions
Z
(mm)/(inch)
G
(mm)/(inch)
X
(mm)/(inch)
Y
(mm)/(inch)
E
(mm)/(inch)
Value
2.900/0.114
1.100/0.043
0.800/0.031
0.900/0.035
0.950/0.037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com