Electronic Components Datasheet Search
  English  ▼

X  

APR34709 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APR34709
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34709 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APR34709 Datasheet HTML 2Page - Diodes Incorporated APR34709 Datasheet HTML 3Page - Diodes Incorporated APR34709 Datasheet HTML 4Page - Diodes Incorporated APR34709 Datasheet HTML 5Page - Diodes Incorporated APR34709 Datasheet HTML 6Page - Diodes Incorporated APR34709 Datasheet HTML 7Page - Diodes Incorporated APR34709 Datasheet HTML 8Page - Diodes Incorporated APR34709 Datasheet HTML 9Page - Diodes Incorporated APR34709 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
APR34709
Document number: DS41354 Rev. 5 - 3
6 of 13
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
APR34709
Electrical Characteristics (@TA = +25°C, unless otherwise specified.) (continued)
MOSFET Static Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDSS(BR)
Drain to Source Breakdown
Voltage
VGS = 0V, ID = 0.25mA
60
—
—
V
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 0.25mA
0.7
1.3
2
V
IDSS
Zero Gate Voltage Drain Current
VDS = 60V, VGS = 0V
—
—
1
µA
IGSS
Gate to Source Leakage Current
VGS = 4.5V, VDS = 0V
—
—
±50
µA
RDS(ON)
Drain to Source On-State
Resistance
VGS = 4.5V, ID = 3A
—
8
—
m
Ω
MOSFET Dynamic Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
VGS = 0V, VDS = 25V
f = 1MHz
—
1872
—
pF
Coss
Output Capacitance
—
506
—
Crss
Reverse Transfer Capacitance
—
43
—
Qgs
Gate to Source Charge
VGS = 0V to 10V, VDD = 25V
ID = 15A
—
3.1
—
nC
Qgd
Gate to Drain Charge
(Miller Charger)
—
4.8
—
Qg
Total Gate Charge
VGS = 4.5V
—
15
—
Rg
Gate Resistance
—
—
1.8
—
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com