Electronic Components Datasheet Search
  English  ▼

X  

APX803L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APX803L
Description  MICRO POWER VOLTAGE DETECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803L Datasheet(HTML) 2 Page - Diodes Incorporated

  APX803L Datasheet HTML 1Page - Diodes Incorporated APX803L Datasheet HTML 2Page - Diodes Incorporated APX803L Datasheet HTML 3Page - Diodes Incorporated APX803L Datasheet HTML 4Page - Diodes Incorporated APX803L Datasheet HTML 5Page - Diodes Incorporated APX803L Datasheet HTML 6Page - Diodes Incorporated APX803L Datasheet HTML 7Page - Diodes Incorporated APX803L Datasheet HTML 8Page - Diodes Incorporated APX803L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
APX803L
Document number: DS38171 Rev. 2 - 2
2 of 22
www.diodes.com
April 2016
© Diodes Incorporated
APX803L
Pin Descriptions
Pin Number
Pin Name
Function
SOT23
SOT23R
SOT25
SOT323
SC59
3
3
2
3
3
VCC
Operating Voltage Input
2
1
1
2
1
RESET
Reset Output Pin, Open Drain Output: Active Low
1
2
3
1
2
GND
Ground
–
–
4, 5
–
-
NC
No Connection
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 6.0
V
VRESET
RESET Voltage (Open Drain)
-0.3 to 6.0
V
ICC
Input Current
20
mA
IO
Output Current
20
mA
θ
JA
Thermal Resistance Junction-to-Ambient
SOT23, SOT23R, SC59
200
°C/W
SOT25
200
SOT323
275
θ
JC
Thermal Resistance Junction-to-Case
SOT23, SOT23R, SC59
60
SOT25
60
SOT323
90
ESD
HBM (Human Body Model)
±4000
V
MM (Machine Model)
±200
TJ
Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Note:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com