Electronic Components Datasheet Search
  English  ▼

X  

APX809S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APX809S
Description  3-PIN MICRO POWER VOLTAGE DETECTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX809S Datasheet(HTML) 3 Page - Diodes Incorporated

  APX809S Datasheet HTML 1Page - Diodes Incorporated APX809S Datasheet HTML 2Page - Diodes Incorporated APX809S Datasheet HTML 3Page - Diodes Incorporated APX809S Datasheet HTML 4Page - Diodes Incorporated APX809S Datasheet HTML 5Page - Diodes Incorporated APX809S Datasheet HTML 6Page - Diodes Incorporated APX809S Datasheet HTML 7Page - Diodes Incorporated APX809S Datasheet HTML 8Page - Diodes Incorporated APX809S Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
APX809S/810S
Document number: DS39140 Rev. 2 - 2
3 of 10
www.diodes.com
February 2019
© Diodes Incorporated
APX809S/810S
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 6.0
V
VRESET
RESET /RESET Voltage
-0.3 to 6.0
V
ICC
Input Current
20
mA
IO
Output Current
20
mA
θJA
Thermal Resistance Junction-to-Ambient
SOT23
232
°C/W
θJC
Thermal Resistance Junction-to-Case
SOT23
87
ESD
HBM (Human Body Model)
6,000
V
MM (Machine Model)
600
TJ
Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
C
Note:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional
operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
TA
Operating Ambient Temperature Range
-40
+125
°C
VCC
Supply Voltage
1.0
5.5
V
VRESET
/RESET Output Voltage
0
5.5
V
T
RESE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com