Electronic Components Datasheet Search
  English  ▼

X  

AR2003FV Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AR2003FV
Description  ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AR2003FV Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AR2003FV Datasheet HTML 2Page - Diodes Incorporated AR2003FV Datasheet HTML 3Page - Diodes Incorporated AR2003FV Datasheet HTML 4Page - Diodes Incorporated AR2003FV Datasheet HTML 5Page - Diodes Incorporated AR2003FV Datasheet HTML 6Page - Diodes Incorporated AR2003FV Datasheet HTML 7Page - Diodes Incorporated AR2003FV Datasheet HTML 8Page - Diodes Incorporated AR2003FV Datasheet HTML 9Page - Diodes Incorporated AR2003FV Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AR2003FV
6 of 15
December 2014
Document number: DS37473 Rev. 3 - 2
www.diodes.com
© Diodes Incorporated
AR2003FV
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VAVDD
Internal Regulator Output
VCC = 5.5V
–
4.5
–
V
VCC = 12V
–
4.7
–
V
ICCSTART
Supply Current (Under Voltage)
VCC = 2.6V
–
160
220
µA
ICCSTANDBY
Supply Current (Disabled)
VCC = 5.5V, REN/OFF = 0Ω
–
380
500
VCC = 12V, REN/OFF = 0Ω
–
450
600
ICCON
Supply Current (Enabled)
VCC = 5.5V, REN/OFF = 100kΩ,
Cgate=0.
–
1.5
2
mA
VCC = 12V, REN/OFF = 100kΩ,
Cgate=0.
–
1.8
2.5
VCC = 5.5V, fsw=100kHz,
Cgate=3300pf
–
3.2
4.2
VCC = 12V, fsw=100kHz,
Cgate=3300pf
–
5
7
VEN-ON
TOFF/EN Turn-on Threshold, Rising
TOFF/EN driven, VTON > 0.6V
1.31
1.4
1.49
V
VEN-OFF
TOFF/EN Turn-off Threshold, Falling
TOFF/EN driven, VTON < 0.2V
0.55
0.6
0.65
IEN-START
TOFF/EN Input Current, Disabled
RTOFF=50K
-21.5
-20
-18.5
µA
IEN-ON
TOFF/EN Input Current, Enabled
RTOFF=100K
-10.7
-10
-9.3
Under-Voltage Lockout (UVLO)
UVLOTH
VCC Under Voltage Lockout Threshold Rising
–
2.8
3.0
3.20
V
UVLOHYS
VCC Under Voltage Lockout Threshold
Hysteresis
–
–
200
–
mV
MOSFET Voltage Sensing
VTHARM
Gate Re-arming Threshold
VD to GND, Rising
1.3
1.5
1.7
V
VTHON
Gate Turn-on Threshold
(VD-VS) falling, VS = 0V
-220
-150
-80
mV
VTHOFF HV
Gate Turn-off Threshold
(VD-VS) rising, VS = 0V, VCC ≥
4.2V
-6
-4
-2
mV
VTHOFF LV
Gate Turn-off Threshold
VD-VS) rising, VS = 0V, VCC <
4.2V
-30
-20
-10
TDON
Gate Turn-on Propagation Delay
From VTHON to Gate > 1V
–
30
50
ns
TDOFF
Gate Turn Off Propagation Delay
From VTHOFF to Gate < 4V
–
30
60
ns
Minimum On Time
TON-LR
Minimum On Time at Low Resistance
RTON = 8.25KΩ
0.26
0.34
0.42
µs
TON-HR
Minimum On Time at High Resistance
RTON = 100KΩ
2.25
3
3.75
µs
Minimum Off Time
TOFF-LR
Minimum Off Time at Low Resistance
RTOFF = 100KΩ
0.8
1.4
2
µs
TOFF-HR
Minimum Off Time at High Resistance
RTOFF = 200KΩ
7.5
10
12.5
µs
TOFF-LV
Minimum Off Time at Low Voltage
VEN/TOFF=1V
0.8
1.4
2
µs
TOFF-HV
Minimum Off Time at High Voltage
VEN/TOFF=2V
7.5
10
12.5
µs
TOFF-OV
Minimum Off Time at Over Voltage
2V<VEN/TOFF<VAVDD
7.5
10
12.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com