Electronic Components Datasheet Search
  English  ▼

X  

AZ2117 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AZ2117
Description  LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ2117 Datasheet(HTML) 4 Page - Diodes Incorporated

  AZ2117 Datasheet HTML 1Page - Diodes Incorporated AZ2117 Datasheet HTML 2Page - Diodes Incorporated AZ2117 Datasheet HTML 3Page - Diodes Incorporated AZ2117 Datasheet HTML 4Page - Diodes Incorporated AZ2117 Datasheet HTML 5Page - Diodes Incorporated AZ2117 Datasheet HTML 6Page - Diodes Incorporated AZ2117 Datasheet HTML 7Page - Diodes Incorporated AZ2117 Datasheet HTML 8Page - Diodes Incorporated AZ2117 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AZ2117
Document number: DS39845 Rev. 1 - 2
4 of 9
www.diodes.com
July 2017
© Diodes Incorporated
AZ2117
Performance Characteristics
Line Regulation vs. Temperature
Load Regulation vs. Temperature
Reference Voltage vs. Temperature
Current Limit vs. Temperature
Minimum Load Current vs. Temperature
Adjust Pin Current vs. Temperature
-40
-20
0
20
40
60
80
100
120
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Temperature (
oC)
AZ2117-1.25V
V
IN
=3V to 10V
I
OUT
=10mA
Continuous Airflow 10scfm
-40
-20
0
20
40
60
80
100
120
-10
-8
-6
-4
-2
0
2
4
6
8
10
Temperature (
oC)
AZ2117-1.25V
V
IN
=3V
I
OUT
=10mA to 1A
Continuous Airflow 10scfm
-40
-20
0
20
40
60
80
100
120
-2
-1
0
1
2
3
AZ2117-1.25V
V
IN
=3V
Continuous Airflow 10scfm
Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
18
20
AZ2117-1.25V
V
IN
=3V
Continuous Airflow 10scfm
Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
AZ2117-1.25V
V
IN
=3V
I
OUT
=10mA
Continuous Airflow 10scfm
Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Temperature (
oC)
AZ2117-1.25V
V
IN
=3V
@V
OUT
=V
OUT
(nom)x98%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com