Electronic Components Datasheet Search
  English  ▼

X  

CS556X Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS556X
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS556X Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS556X Datasheet HTML 2Page - Cirrus Logic CS556X Datasheet HTML 3Page - Cirrus Logic CS556X Datasheet HTML 4Page - Cirrus Logic CS556X Datasheet HTML 5Page - Cirrus Logic CS556X Datasheet HTML 6Page - Cirrus Logic CS556X Datasheet HTML 7Page - Cirrus Logic CS556X Datasheet HTML 8Page - Cirrus Logic CS556X Datasheet HTML 9Page - Cirrus Logic CS556X Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN314REV1
7
AN314
Figure 6. 2-input, Single-ended-to-differential, Multiple Input Range, Multiplexed System
In Figure 6, the differential device, CS5560, is multiplexed between two inputs which use single-ended-to-differential
conversion circuits. As illustrated, each of these circuits can be configured to attenuate or amplify the single-ended
input signal to use the full-scale range of the converter which is differentially ±4.096V. C4 is an optional capacitor
which can be used to attenuate out-of-band noise to improve overall noise performance. The corner frequency with
the components shown is 18 kHz. The 100 pF to 150 pF capacitors in the feedback of each amplifier are required
to compensate for the capacitive load of the 4700 pF capacitors on the inputs of the multiplexer. The 4700 pF ca-
pacitors provide a charge reservoir for the switched-channel capacitance of the multiplexer and also provide dynam-
ic input current when the converter samples.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com