Electronic Components Datasheet Search
  English  ▼

X  

CDB5339 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB5339
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5339 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB5339 Datasheet HTML 9Page - Cirrus Logic CDB5339 Datasheet HTML 10Page - Cirrus Logic CDB5339 Datasheet HTML 11Page - Cirrus Logic CDB5339 Datasheet HTML 12Page - Cirrus Logic CDB5339 Datasheet HTML 13Page - Cirrus Logic CDB5339 Datasheet HTML 14Page - Cirrus Logic CDB5339 Datasheet HTML 15Page - Cirrus Logic CDB5339 Datasheet HTML 16Page - Cirrus Logic CDB5339 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DNL Tests
A Differential Non-Linearity test is also shown.
Here, the converter is presented with a linear ramp
signal. The resulting output codes are counted to
yield a number which is proportional to the
codewidth. A plot of codewidth versus code
graphically illustrates the uniformity of the
codewidths. Figure 11 shows the excellent Differ-
ential Non-Linearity of the CS5336. This plot
displays the worst case positive and negative er-
rors in each of 512 groups of 128 codes.
Codewidths typically are within
± 0.2 LSB’s of
ideal. A delta-sigma modulator based ADC has no
inherent mechanism for generating DNL errors.
The residual small deviations shown in Figure 11
are a result of noise. Nevertheless, the perform-
ance shown is extremely good, and is superior to
typical R-2R ladder based designs.
Figure 10. CS5336 FFT Plot with -80 dB, 9 kHz Input
Figure 8. CS5336 FFT Plot with -10 dB, 9 kHz Input
Figure 7. CS5336 FFT Plot with -10 dB, 1 kHz Input
0
4
8
12
16
20
24
Input Frequency (kHz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Signal
Amplitude
Relative to
Full Scale
(dB)
Output Word Rate: 48 kHz
Full Scale: 7.3 Vp-p
S/(N+D): 85.41 dB
Dynamic Range: 95.41 dB
(dc to 20 kHz)
Figure 9. CS5336 FFT Plot with -80 dB, 1 kHz Input
0
4
8
12
16
20
24
Input Frequency (kHz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Signal
Amplitude
Relative to
Full Scale
(dB)
Output Word Rate: 48 kHz
Full Scale: 7.3 Vp-p
S/(N+D): 16.09 dB
Dynamic Range: 96.09 dB
(dc to 20 kHz)
0
4
8
12
16
20
24
Input Frequency (kHz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Signal
Amplitude
Relative to
Full Scale
(dB)
Output Word Rate: 48 kHz
Full Scale: 7.3 Vp-p
S/(N+D): 15.72 dB
Dynamic Range: 95.72 dB
(dc to 20 kHz)
0
4
8
12
16
20
24
Input Frequency (kHz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Signal
Amplitude
Relative to
Full Scale
(dB)
Output Word Rate: 48 kHz
Full Scale: 7.3 Vp-p
S/(N+D): 85.03 dB
Dynamic Range: 95.033 dB
(dc to 20 kHz)
CS5336, CS5338, CS5339
DS23F1
3-51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com