Electronic Components Datasheet Search
  English  ▼

X  

SM9501AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM9501AV
Description  Radio Controlled Clock Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9501AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM9501AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM9501AV Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—6
9501B version
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
4.5
5.0
5.5
V
Maximum operating current
consumption1
1. Measured using the standard circuit.
IDDM
VDD = 5.0V, Ta = 25°C, no input signal,
PON: VSS, OUT: OPEN
–
65
100
µA
Operating current consumption1
IDDT
VDD = 5.0V, Ta = 25°C, 500ms pulsewidth,
0.1mVrms input (differential input),
PON: VSS, OUT: OPEN
–55–
µA
Standby mode current consumption
IST
PON: VDD or OPEN, FCN: VDD or OPEN,
HLDN: VDD or OPEN
–
–
0.1
µA
Minimum input voltage range
VFMIN
IN1–IN2 differential input, FIN = 40kHz, 60kHz
Ta = 25
°C
–
0.5
1.0
µVrms
Maximum input voltage range
VFMAX
IN1–IN2 differential input, FIN = 40kHz, 60kHz
80
–
–
mVrms
Input frequency
FIN
IN1–IN2 differential input
35
–
80
kHz
Analog switch resistance
RA
VIN2 = 0V, VIN3 = 50mV
–
–
15
Ω
Startup time2
2. The time taken under stable wave input conditions from when power is applied or standby is released, using PON, until stable digital output occurs
within ratings.
tON
When supply is applied
–
–
8
sec
Startup time2 (PON)
tPON
From standby mode
–
–
8
sec
Gain hold time
tHLD
± 3dB change
1
–
–
sec
Input voltage
VIL
PON, FCN, HLDN pins
–
–
0.5
V
VIH
PON, FCN, HLDN pins
0.8VDD
––
V
Input current
IIL
VIL = 0V, PON, FCN, HLDN pins
–
–
–3.2
µA
IIH
VIH = VDD, PON, FCN, HLDN pins
–
–
0.1
µA
LOW-level output current
IOL
VDD = 4.5V, OUT = 0.5V
10
–
–
µA
HIGH-level output current
IOH
VDD = 4.5V, OUT = 4.0V
–10
–
–
µA
Fall time output propagation delay3
3. The time taken, with 10:1 input signal amplitude ratio and 500ms pulsewidth, from when a change in signal input occurs until the output OUT changes.
Note that this characteristic is very dependent on the antenna and crystal filter characteristics. The standard crystal used here has the following equiv-
alent circuit coefficients.
tDN
FIN = 40/60kHz, standard crystal,
NPC standard jig
VIN = 1µVrms to 80mVrms
–
–
160
ms
Rise time output propagation delay3
tUP
–
–
200
ms
LOW-level output pulsewidth4 (200ms)
4. Values obtained when using the standard crystal employed here. Note that these values are dependent on the crystal characteristics, and should be
considered as reference values.
T200
100
200
300
ms
LOW-level output pulsewidth4 (500ms)
T500
400
500
650
ms
LOW-level output pulsewidth4 (800ms)
T800
700
800
900
ms
Noise rejection ratio5
5. Time averaged rms values, where the noise is white noise and the measurement bandwidth is determined by the crystal filter equivalent used in the
standard circuit.
S/N
––9
dB
f [kHz]
L1 [kH]
C1 [fF]
R1 [k
Ω]C0 [pF]
40
6.70280
2.36228
11.4492
1.42773
60
5.17396
1.36007
13.4826
1.04927
L1
C0
R1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com