Electronic Components Datasheet Search
  English  ▼

X  

SM9501BV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM9501BV
Description  Radio Controlled Clock Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9501BV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM9501BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9501BV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT (CF9501A)
(Unit:
µm)
PAD NAME and DIMENSIONS (CF9501A)
Chip size: 1.43
× 2.36mm
Chip thickness: 300 ± 30µm
PAD size: 100µm (TN: 80µm)
Chip base: VSS level
Number
Name
Pad dimensions [µm]
XY
1
VDDA
386
2117
2
IN1
177
2035
3
IN3
177
1766
4
IN2
177
1486
5
FCN
177
1217
6
XO
177
937
7
VSSA
177
586
8
XI
177
288
9
LF
1237
286
10
CB
1237
555
11
CP
1237
809
12
HLDN
1237
1078
13
VSS
1237
1302
14
OUT
1237
1755
15
PON
1237
2035
16
VDD
1031
2117
−
TN1
1. For test mode
1257
1506
IN1
VDDA
PON
(0,0)
(1430,2360)
DA9501
NPC
1
2
5
4
3
13
14
15
16
7
6
8
9
10
11
12
OUT
VSS
HLDN
CP
CB
LF
IN3
IN2
FCN
XO
VSSA
XI
VDD
TN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com