Electronic Components Datasheet Search
  English  ▼

X  

291 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 291
Description  Cylindrical Case, High-Current and High-Voltage Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

291 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  291 Datasheet HTML 1Page - Cornell Dubilier Electronics 291 Datasheet HTML 2Page - Cornell Dubilier Electronics 291 Datasheet HTML 3Page - Cornell Dubilier Electronics 291 Datasheet HTML 4Page - Cornell Dubilier Electronics 291 Datasheet HTML 5Page - Cornell Dubilier Electronics 291 Datasheet HTML 6Page - Cornell Dubilier Electronics 291 Datasheet HTML 7Page - Cornell Dubilier Electronics 291 Datasheet HTML 8Page - Cornell Dubilier Electronics 291 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cylindrical Types, High-Voltage Mica Capacitors
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Maximum AC Current at 65 ºC
Maximum AC Current at 65 ºC
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
68
29160B680JO0
2.4
1.5
0.7
0.2
4000
29160B402JO0
16
15
11
5.6
75
29160B750JO0
2.4
1.6
0.7
0.2
4300
29160B432JO0
16
15
11
5.6
82
29160B820JO0
2.7
1.8
0.8
0.2
4700
29160B472JO0
16
16
12
6.2
91
29160B910JO0
2.7
1.8
0.9
0.3
5000
29160B502JO0
16
16
12
6.2
100
29160B101JO0
3
2
0.9
0.3
Type 292
110
29160B111JO0
3
2.2
1
0.3
1,500 Peak Volts
120
29160B121JO0
3.3
2.2
1
0.3
75000
29215B753JO0
20
39
33
20
130
29160B131JO0
3.3
2.4
1.1
0.4
82000
29215B823JO0
20
39
33
20
150
29160B151JO0
3.6
2.4
1.2
0.4
91000
29215B913JO0
20
39
33
20
160
29160B161JO0
3.9
2.7
1.3
0.4
100000
29215B104JO0
20
39
36
20
180
29160B181JO0
4.3
3
1.5
0.5
2,000 Peak Volts
200
29160B201JO0
4.3
3
1.5
0.5
30000
29220B303JO0
20
33
24
15
220
29160B221JO0
4.7
3.3
1.6
0.6
33000
29220B333JO0
20
33
24
15
240
29160B241JO0
4.7
3.6
1.8
0.6
36000
29220B363JO0
20
33
27
16
270
29160B271JO0
5.1
3.6
2
0.6
39000
29220B393JO0
20
36
27
16
300
29160B301JO0
5.1
3.9
2
0.7
43000
29220B433JO0
20
36
27
16
330
29160B331JO0
5.6
4.3
2.2
0.8
47000
29220B473JO0
20
36
27
18
360
29160B361JO0
6.2
4.3
2.4
0.8
51000
29220B513JO0
20
36
30
18
390
29160B391JO0
6.2
4.7
2.7
0.8
56000
29220B563JO0
20
36
30
18
400
29160B401JO0
6.2
4.7
2.7
0.8
62000
29220B623JO0
20
39
30
18
430
29160B431JO0
6.8
4.7
2.7
0.8
68000
29220B683JO0
20
39
33
20
470
29160B471JO0
6.8
5.1
3
0.9
3,000 Peak Volts
500
29160B501JO0
6.8
5.1
3
1
18000
29230B183JO0
20
30
20
12
510
29160B511JO0
6.8
5.1
3
1
20000
29230B203JO0
20
30
22
13
560
29160B561JO0
7.5
5.6
3.3
1.1
22000
29230B223JO0
20
30
22
13
620
29160B621JO0
8.2
6.2
3.6
1.2
24000
29230B243JO0
20
33
24
13
680
29160B681JO0
8.2
6.2
3.9
1.3
27000
29230B273JO0
20
33
24
13
750
29160B751JO0
8.2
6.8
3.9
1.5
4,000 Peak Volts
820
29160B821JO0
9.1
6.8
4.3
1.5
12000
29240B123JO0
20
27
18
10
910
29160B911JO0
9.1
7.5
4.7
1.6
13000
29240B133JO0
20
27
20
10
1000
29160B102JO0
10
7.5
5.1
1.8
15000
29240B153JO0
20
27
20
11
1100
29160B112JO0
10
8.2
5.1
2
16000
29240B163JO0
20
27
20
11
1200
29160B122JO0
11
8.2
5.6
2.2
5,000 Peak Volts
1300
29160B132JO0
11
9.1
6.2
2.2
5600
29250B562JO0
20
20
13
6.8
1500
29160B152JO0
12
9.1
6.2
2.4
6000
29250B602JO0
20
22
15
6.8
1600
29160B162JO0
12
10
6.8
2.7
6200
29250B622JO0
20
22
15
6.8
1800
29160B182JO0
13
11
7.5
3.0
6800
29250B682JO0
20
22
15
7.5
2000
29160B202JO0
13
11
7.5
3.3
7500
29250B752JO0
20
22
15
7.5
2200
29160B222JO0
13
12
8.2
3.6
8200
29250B822JO0
20
24
16
8.2
2400
29160B242JO0
15
13
9.1
3.9
9100
29250B912JO0
20
24
16
8.2
2700
29160B272JO0
15
13
9.1
3.9
10000
29250B103JO0
20
24
18
9.1
3000
29160B302JO0
15
13
9.1
4.3
11000
29250B113JO0
20
27
18
9.1
3300
29160B332JO0
15
15
10
4.7
6,000 Peak Volts
3600
29160B362JO0
16
15
11
5.1
4700
29260B472JO0
20
20
13
6.2
3900
29160B392JO0
16
15
11
5.6
5000
29260B502JO0
20
20
13
6.2
5100
29260B512JO0
20
20
13
6.2
Types 291 and 292 Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com