Electronic Components Datasheet Search
  English  ▼

X  

294 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 294
Description  Cylindrical Case, High-Current and High-Voltage Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

294 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  294 Datasheet HTML 1Page - Cornell Dubilier Electronics 294 Datasheet HTML 2Page - Cornell Dubilier Electronics 294 Datasheet HTML 3Page - Cornell Dubilier Electronics 294 Datasheet HTML 4Page - Cornell Dubilier Electronics 294 Datasheet HTML 5Page - Cornell Dubilier Electronics 294 Datasheet HTML 6Page - Cornell Dubilier Electronics 294 Datasheet HTML 7Page - Cornell Dubilier Electronics 294 Datasheet HTML 8Page - Cornell Dubilier Electronics 294 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cylindrical Types, High-Voltage Mica Capacitors
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Maximum AC Current at 65 ºC
Case
Height
(in)
Maximum AC Current at 65 ºC
Case
Height
(in)
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
Cap
(pF)
Catalog
Part Number
3 MHz
(A)
1 MHz
(A)
300 kHz
(A)
100 kHz
(A)
6000
293100B602JO0
24
33
20
10
3.00
360
293200B361JO0
11
7.5
3.9
1.8
2.50
6200
293100B622JO0
24
33
20
10
3.00
390
293200B391JO0
11
8.2
4.3
2
2.50
6800
293100B682JO0
24
33
20
10
3.00
430
293200B431JO0
12
8.2
4.7
2.2
2.50
7500
293100B752JO0
24
36
22
11
3.25
470
293200B471JO0
12
9.1
4.7
2.2
2.50
8000
293100B802JO0
24
36
22
11
3.25
500
293200B501JO0
12
9.1
5.1
2.4
2.50
8200
293100B822JO0
24
36
22
11
3.25
510
293200B511JO0
12
9.1
5.1
2.4
2.50
12,000 Peak Volts
560
293200B561JO0
13
10
5.6
2.7
2.50
2200
293120B222JO0
20
20
12
5.6
2.50
620
293200B621JO0
13
11
6.2
2.7
2.50
2400
293120B242JO0
20
22
13
6.2
2.75
680
293200B681JO0
13
11
6.2
2.7
2.75
2700
293120B272JO0
20
22
13
6.2
2.75
750
293200B751JO0
13
12
6.8
3
2.75
3000
293120B302JO0
20
24
15
6.8
3.00
800
293200B801JO0
15
12
6.8
3.3
2.75
3300
293120B332JO0
22
24
15
6.8
3.00
820
293200B821JO0
15
12
6.8
3.3
2.75
3600
293120B362JO0
22
24
15
7.5
3.00
910
293200B911JO0
15
13
7.5
3.6
2.75
3900
293120B392JO0
22
27
16
7.5
3.00
1000
293200B102JO0
15
13
7.5
3.6
2.75
4000
293120B402JO0
22
27
16
7.5
3.25
1100
293200B112JO0
16
15
8.2
3.9
2.75
4300
293120B432JO0
22
27
16
8.2
3.25
Type 294
3,000 Peak Volts
15,000 Peak Volts
82000
29430B823JO0
30
62
43
39
5.00
1200
293150B122JO0
16
15
8.2
4.3
2.50
91000
29430B913JO0
30
62
43
39
5.00
1300
293150B132JO0
16
15
9.1
4.3
2.50
100000
29430B104JO0
30
62
43
39
5.00
1500
293150B152JO0
16
16
9.1
4.7
2.75
4,000 Peak Volts
1600
293150B162JO0
18
18
10
4.7
2.75
68000
29440B683JO0
30
56
39
36
5.00
1800
293150B182JO0
18
18
11
5.1
3.00
75000
29440B753JO0
30
62
43
36
5.00
2000
293150B202JO0
18
20
11
5.6
3.00
5,000 Peak Volts
20,000 Peak Volts
33000
29450B333JO0
30
56
39
27
4.50
47
293200B470JO0
5.1
2.2
0.5
0.1
2.50
36000
29450B363JO0
30
56
39
30
4.50
50
293200B500JO0
5.1
2.4
0.5
0.2
2.50
39000
29450B393JO0
30
56
39
30
5.00
51
293200B510JO0
5.1
2.4
0.5
0.2
2.50
40000
29450B403JO0
30
56
39
30
5.00
56
293200B560JO0
5.6
2.4
0.6
0.2
2.50
43000
29450B433JO0
30
56
39
30
5.00
62
293200B620JO0
5.6
2.7
0.7
0.2
2.50
47000
29450B473JO0
30
56
39
30
5.00
68
293200B680JO0
5.6
2.7
0.8
0.2
2.50
51000
29450B513JO0
30
56
39
33
5.00
75
293200B750JO0
6.2
3
0.9
0.3
2.50
56000
29450B563JO0
30
56
39
33
5.00
82
293200B820JO0
6.2
3
1
0.3
2.50
62000
29450B623JO0
30
56
39
33
5.00
91
293200B910JO0
6.8
3.3
1.1
0.4
2.50
6,000 Peak Volts
100
293200B101JO0
6.8
3.6
1.3
0.5
2.50
18000
29460B183JO0
30
51
36
22
4.00
110
293200B111JO0
7.5
3.9
1.5
0.5
2.50
20000
29460B203JO0
30
51
36
24
4.00
120
293200B121JO0
7.5
4.3
1.6
0.6
2.50
22000
29460B223JO0
30
51
36
24
4.00
130
293200B131JO0
7.5
4.3
1.8
0.7
2.50
24000
29460B243JO0
30
56
39
27
4.50
150
293200B151JO0
8.2
4.7
2
0.8
2.50
27000
29460B273JO0
30
56
39
27
4.50
160
293200B161JO0
8.2
5.1
2.2
0.9
2.50
30000
29460B303JO0
30
56
39
27
5.00
180
293200B181JO0
9.1
5.1
2.4
1
2.50
8,000 Peak Volts
200
293200B201JO0
9.1
5.6
2.7
1.1
2.50
12000
29480B123JO0
30
43
30
20
4.50
220
293200B221JO0
9.1
6.2
3
1.2
2.50
13000
29480B133JO0
30
47
30
20
4.50
240
293200B241JO0
10
6.2
3.6
1.3
2.50
15000
29480B153JO0
30
47
33
20
5.00
250
293200B251JO0
10
6.2
6.8
1.3
2.50
16000
29480B163JO0
30
47
33
22
5.00
270
293200B271JO0
10
6.8
3.6
1.5
2.50
10,000 Peak Volts
300
293200B301JO0
10
6.8
3.9
1.6
2.50
10000
294100B103JO0
30
43
30
18
5.00
330
293200B331JO0
11
7.5
3.9
1.6
2.50
Types 293 and 294 Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com