Electronic Components Datasheet Search
  English  ▼

X  

VCNL3040 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNL3040
Description  Proximity Sensor With Interrupt, IRED, and I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL3040 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNL3040 Datasheet HTML 1Page - Vishay Siliconix VCNL3040 Datasheet HTML 2Page - Vishay Siliconix VCNL3040 Datasheet HTML 3Page - Vishay Siliconix VCNL3040 Datasheet HTML 4Page - Vishay Siliconix VCNL3040 Datasheet HTML 5Page - Vishay Siliconix VCNL3040 Datasheet HTML 6Page - Vishay Siliconix VCNL3040 Datasheet HTML 7Page - Vishay Siliconix VCNL3040 Datasheet HTML 8Page - Vishay Siliconix VCNL3040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VCNL3040
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 23-Sep-2020
3
Document Number: 84917
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
Notes
(1) Part should be operated in dark condition (not in direct sunlight)
(2) Programmable between 50 mA and 200 mA
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD
2.5
-
3.6
V
Supply current
Excluded LED driving, VDD = 2.28 V
IDD
-
300
-
μA
Shutdown current
Light condition = dark, VDD = 3.3 V
IDD (SD)
0.01
0.2
1
μA
I2C supply voltage
Vpull_up
1.8
-
3.6
V
I2C signal input
Logic high
VDD = 3.3 V
VIH
1.55
-
-
V
Logic low
VIL
--
0.4
Logic high
VDD = 2.6 V
VIH
1.4
-
-
V
Logic low
VIL
--
0.4
Peak sensitivity wavelength of PS
λpps
-
850
-
nm
Full PS counts
12-bit / 16-bit resolution
-
-
4096 / 65 535
steps
PS dark offset
VDD/VLED = 2.8 V, PS_IT = 1T,
IRED current = 100 mA, dark room
0-
3
steps
PS detection range
Kodak gray card (1)
0
-
300
mm
Operating temperature range
Tamb
-40
-
+85
°C
IRED driving current
(2)
-
-
200
mA
GND
I
2C bus logic
control
PS
PD
LED driver
PD
buffer
LED_CATHODE
V
DD
SCLK
SDAT
INT
Anode
IRED
PS timing
controller
DSP
Oscilator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com