Electronic Components Datasheet Search
  English  ▼

X  

VACR1001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VACR1001
Description  Aluminum Housed Compact Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VACR1001 Datasheet(HTML) 2 Page - Vishay Siliconix

  VACR1001 Datasheet HTML 1Page - Vishay Siliconix VACR1001 Datasheet HTML 2Page - Vishay Siliconix VACR1001 Datasheet HTML 3Page - Vishay Siliconix VACR1001 Datasheet HTML 4Page - Vishay Siliconix VACR1001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VACR
www.vishay.com
Vishay Draloric
Revision: 08-May-14
2
Document Number: 21035
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Approximate value (depending on resistance)
(2) Cycle duration of 120 s
Note
(3) Special flat version on request.
PULSE POWER (1) in W at Ta = 40 °C
MODEL
MAX.
PERMISSIBLE
OPERATING
VOLTAGE
SIZE: 40 mm x 20 mm
SIZE: 60 mm x 30 mm
PULSE TIME (2)
6 %
15 %
25 %
40 %
6 %
15 %
25 %
40 %
VACR050
UL 600 V/UL 1000 V
550
200
150
100
----
VACR100 (3)
UL 600 V/UL 1000 V
950
400
250
150
900
500
300
200
EN 1000 V DC
1600
650
400
250
----
VACR120
UL 600 V/UL 1000 V
-
-
-
-
1080
600
360
240
VACR130
EN 1000 V DC
-
-
-
-
1170
650
390
260
VACR150
UL 600 V/UL 1000 V
1600
650
400
250
1350
750
450
300
EN 1000 V DC
2200
900
550
350
1350
750
450
300
VACR180
UL 600 V/UL 1000 V
-
-
-
-
1620
900
540
360
EN 1000 V DC
-
-
-
-
1620
900
540
360
VACR200 (3)
EN 1000 V DC
3200
1300
750
500
1800
1000
600
400
VACR250
UL 600 V/UL 1000 V
-
-
-
-
2250
1250
750
500
EN 1000 V DC
-
-
-
-
2250
1250
750
500
VACR300
UL 600 V/UL 1000 V
-
-
-
-
2700
1500
900
600
EN 1000 V DC
-
-
-
-
2700
1500
900
600
VACR400
UL 600 V/UL 1000 V
-
-
-
-
3600
2000
1200
800
EN 1000 V DC
-
-
-
-
3600
2000
1200
800
VACR500
EN 1000 V DC
-
-
-
-
4500
2500
1500
1000
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: VACR1003VUB1000K00
MODEL
MOUNTING
MAX.
PERMISSIBLE
VOLTAGE
PROTECTION
VALUE
TOLERANCE
SPECIAL
VACR050
VACR100 (3)
VACR120
VACR130
VACR150
VACR180
VACR200 (3)
VACR250
VACR300
VACR400
VACR500
0 =
160 x 40 x 20
160 x 20 x 40
1 =
167 x 60 x 30
167 x 30 x 60
2 =
217 x 60 x 30
217 x 30 x 60
3 =
240 x 40 x 20
240 x 20 x 40
4 =
267 x 60 x 30
267 x 30 x 60
5 =
300 x 40 x 20
300 x 20 x 40
6 =
337 x 60 x 30
337 x 30 x 60
V = Vertical
H = Horizontal
E = EN1000
(EN 1000 V DC)
U = UL 1000 V
V = UL 600 V
A = IP20
B = IP65
C = IP54
(on request)
3 digit value
1 digit
multiplier
MULTIPLIER
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
K = ± 10.0 %
00 = Standard
Two digits code for
special parts, edited
by marketing.
Product Description: VACR1003 V UL 1000 V IP65 100R 10 %
VACR1003
V
UL 1000 V
IP65
100R
10 %
MODEL
MOUNTING
MAX.
PERMISSIBLE
VOLTAGE
PROTECTION
VALUE
TOLERANCE
R
100
V
U
B
3
AC
000
0
1
V
0
K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com