Electronic Components Datasheet Search
  English  ▼

X  

273 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 273
Description  Rectangular Case, High-Current and High-Voltage Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

273 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  273 Datasheet HTML 1Page - Cornell Dubilier Electronics 273 Datasheet HTML 2Page - Cornell Dubilier Electronics 273 Datasheet HTML 3Page - Cornell Dubilier Electronics 273 Datasheet HTML 4Page - Cornell Dubilier Electronics 273 Datasheet HTML 5Page - Cornell Dubilier Electronics 273 Datasheet HTML 6Page - Cornell Dubilier Electronics 273 Datasheet HTML 7Page - Cornell Dubilier Electronics 273 Datasheet HTML 8Page - Cornell Dubilier Electronics 273 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
High-Voltage Types Application Guide, Transmitting Mica
Maximum AC Current at 65 ºC
Maximum AC Current at 65 ºC
Cap
Catalog
3 MHz 1 MHz 300 kHz 100 kHz
Cap
Catalog
3 MHz 1 MHz 300 kHz 100 kHz
(pF)
Part Number
(A)
(A)
(A)
(A)
(pF)
Part Number
(A)
(A)
(A)
(A)
4000 Peak Volts
8000 Peak Volts
40000
27340B403JO0
18.0
24.0
20.0
12.0
1000
27380B102JO0
10.0
8.5
4.5
1.5
50000
27340B503JO0
18.0
25.0
21.0
12.0
2000
27380B202JO0
11.5
11.5
7.5
3.0
5000 Peak Volts
3000
27380B302JO0
12.5
13.5
9.5
4.0
20000
27350B203JO0
18.0
23.0
18.0
10.5
4000
27380B402JO0
13.5
15.5
10.5
5.0
8000 Peak Volts
4500
27380B452JO0
14.0
16.0
11.5
6.0
200
27380B201JO0
7.5
5.0
1.5
0.5
5000
27380B502JO0
14.0
16.0
11.5
6.0
250
27380B251JO0
7.5
5.0
1.5
0.5
6000
27380B602JO0
15.0
17.0
12.5
6.5
500
27380B501JO0
8.5
6.0
3.0
1.0
8000
27380B802JO0
16.0
19.0
14.0
7.5
10000
27380B103JO0
17.0
20.0
15.0
8.5
.288
.045±.010
1.125±.062
#8-32 UNC -2B
.140 MIN TYP
1.187+-
.031
.062
.935+-
.031
.062
.187±.015
1.312±.078
2.375±.015
.937±.031
.152+-
.003
.002 TYP
R.250
TYP
2.828±.031
1.500±.078
Mounting Style 0
Mounting Style 1
Mounting Style 2
Type 271
Type 273 Ratings
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com