Electronic Components Datasheet Search
  English  ▼

X  

A36 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # A36
Description  D-SUB IDC MALE (DUAL U-SLOT)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A36 Datasheet(HTML) 1 Page - DB Lectro Inc

  A36 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - A36

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A36 MA-COM-A36 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
A36 MA-COM-A36 Datasheet
635Kb / 3P
Cascadable Amplifier
logo
Tyco Electronics
A36-1 MACOM-A36-1 Datasheet
113Kb / 1P
100 TO 2300 MHz CASCADABLE AMPLIFIER
A36-1 MACOM-A36-1 Datasheet
384Kb / 2P
Cascadable Amplifier 100 to 2300 MHz
More results

Similar Description - A36

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A26 DBLECTRO-A26 Datasheet
283Kb / 1P
SCSI - III D- SUB IDC(MALE)
A27 DBLECTRO-A27 Datasheet
269Kb / 1P
SCSI - III D - SUB IDC (FEMALE)
A35 DBLECTRO-A35 Datasheet
318Kb / 1P
IDC SOCKET (DUAL U-SLOT , DUAL CONTACT)
A37 DBLECTRO-A37 Datasheet
313Kb / 1P
D-SUB IDC FEMALE (DUAL U-SLOT)
logo
List of Unclassifed Man...
SPC15390 ETC2-SPC15390 Datasheet
151Kb / 1P
D-SUB IDC MALE CONNECTOR, METAL TYPE, RoHS
logo
Adam Technologies, Inc.
DPD-XX-10-X3-15 ADAM-TECH-DPD-XX-10-X3-15 Datasheet
104Kb / 1P
DUAL PORT D-SUB MALE
DXXX-PF-M2 ADAM-TECH-DXXX-PF-M2 Datasheet
126Kb / 1P
IDC FLAT CABLE D-SUB PLUG
DXXX-SF-M1 ADAM-TECH-DXXX-SF-M1 Datasheet
120Kb / 1P
IDC FLAT CABLE D-SUB SOCKET
DXXX-SF-M-2 ADAM-TECH-DXXX-SF-M-2 Datasheet
116Kb / 1P
IDC FLAT CABLE D-SUB SOCKET
MPH-XX-F-G ADAM-TECH-MPH-XX-F-G Datasheet
77Kb / 1P
IDC CONNECTOR MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com