Electronic Components Datasheet Search
  English  ▼

X  

CC1050 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC1050
Description  Single Chip Very Low Power RF Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1050 Datasheet HTML 5Page - Texas Instruments CC1050 Datasheet HTML 6Page - Texas Instruments CC1050 Datasheet HTML 7Page - Texas Instruments CC1050 Datasheet HTML 8Page - Texas Instruments CC1050 Datasheet HTML 9Page - Texas Instruments CC1050 Datasheet HTML 10Page - Texas Instruments CC1050 Datasheet HTML 11Page - Texas Instruments CC1050 Datasheet HTML 12Page - Texas Instruments CC1050 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
CC1050
SWRS044
Page 9 of 40
Application Circuit
Very few external components are
required for the operation of CC1050. A
typical application circuit is shown Figure
2. Component values are shown in Table
1.
Output matching
C1, C2 and L2 are used to match the
transmitter to 50
Ω. See Output Matching
p.24 for details.
VCO inductor
The VCO is completely integrated except
for the inductor L1. For further details see
p. 17.
Component values for the matching
network and VCO inductor are easily
calculated using the SmartRF
® Studio
software.
Crystal oscillator
C3 and C4 are the loading capacitors for
the crystal. See page 26 for details.
Additional filtering
Additional filtering (e.g. a low pass LC-
filter) may be used in order to reduce the
harmonic emission. See also Optional LC
Filter p.27 for further information.
Power supply decoupling and filtering
Power supply decoupling and filtering
must be used (not shown in the
application circuit). The placement and
size of the decoupling capacitors and the
power supply filtering are very important to
achieve
the
optimum
performance.
Chipcon provides a reference design
(CC1050EB) that should be followed very
closely.
Figure 2. Typical
CC1050 application circuit
LC filter
11
12
RF_OUT
AGND
AGND
AGND
L1
AVDD
L2
R_BIAS
CHP_OUT
AGND
PALE
PDATA
PCLK
DCLK
DI
DVDD
DGND
AGND
XOSC_ Q1
AGND
XOSC_ Q2
AVDD
L1
1
3
2
4
5
6
8
9
10
7
24
23
22
20
21
19
18
17
15
14
13
16
C4
C4
C3
C3
Antenna
(50 Oh m)
AVDD=3V
DVDD=3V
Optional
XTA L
XTA L
NC
L2
C1
C2
AVDD=3V
R1
DGND
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com