Electronic Components Datasheet Search
  English  ▼

X  

B13A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B13A
Description  FEMALE HEADER RIGHT ANGLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B13A Datasheet(HTML) 1 Page - DB Lectro Inc

  B13A Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-14245 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - B13A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B13A1B NKK-B13A1B Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
logo
Ohmite Mfg. Co.
B13A1B-GA OHMITE-B13A1B-GA Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B13A1B-GA NKK-B13A1B-GA Datasheet
250Kb / 8P
General Specifications
logo
Ohmite Mfg. Co.
B13A1B-GB OHMITE-B13A1B-GB Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B13A1B-GB NKK-B13A1B-GB Datasheet
250Kb / 8P
General Specifications
More results

Similar Description - B13A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B04A DBLECTRO-B04A Datasheet
236Kb / 1P
FEMALE HEADER PROFILE : 5.5mm RIGHT ANGLE
B07 DBLECTRO-B07 Datasheet
247Kb / 1P
FEMALE HEADER PROFILE : 8.4mm RIGHT ANGLE
B11 DBLECTRO-B11 Datasheet
195Kb / 1P
FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
B32 DBLECTRO-B32 Datasheet
262Kb / 1P
FEMALE HEADER PROFILE : 6.4mm RIGHT ANGLE
logo
Dubilier
DBCIDCB11S04AG1 DUBILIER-DBCIDCB11S04AG1 Datasheet
114Kb / 1P
FEMALE HEADERS FEMALE HEADER RIGHT ANGLE - 8.6mm PROFILE
logo
FCI connector
51730-119LF FCI-CONNECTOR-51730-119LF Datasheet
266Kb / 4P
RIGHT ANGLE SOLDER HEADER
51939-133 FCI-CONNECTOR-51939-133 Datasheet
241Kb / 4P
RIGHT ANGLE SOLDER HEADER
logo
Adam Technologies, Inc.
CDR-XX-TR ADAM-TECH-CDR-XX-TR Datasheet
42Kb / 1P
LATCHING HEADER RIGHT ANGLE
DDR-04-HT ADAM-TECH-DDR-04-HT Datasheet
77Kb / 1P
RIGHT ANGLE HEADER
DDR-04-NH-BL ADAM-TECH-DDR-04-NH-BL Datasheet
78Kb / 1P
RIGHT ANGLE HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com