Electronic Components Datasheet Search
  English  ▼

X  

B13B Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B13B
Description  FEMALE HEADER PROFILE : 4.5mm SMT TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B13B Datasheet(HTML) 1 Page - DB Lectro Inc

  B13B Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - B13B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B13B-EH-A ETC1-B13B-EH-A Datasheet
142Kb / 6P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
B13B-EH-A JST-B13B-EH-A Datasheet
169Kb / 4P
2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B13B-PASK ETC2-B13B-PASK Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B13B-PASK ETC2-B13B-PASK Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B13B-PASK ETC2-B13B-PASK Datasheet
366Kb / 11P
FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
More results

Similar Description - B13B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B02 DBLECTRO-B02 Datasheet
209Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B13 DBLECTRO-B13 Datasheet
225Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B27C DBLECTRO-B27C Datasheet
191Kb / 1P
FEMALE HEADER PROFILE : 7.0mm SMT TYPE
B33 DBLECTRO-B33 Datasheet
245Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B34 DBLECTRO-B34 Datasheet
233Kb / 1P
FEMALE HEADER PROFILE : 2.1mm SMT TYPE
logo
Dubilier
DBCIDCB2D04AG1 DUBILIER-DBCIDCB2D04AG1 Datasheet
110Kb / 1P
FEMALE HEADERS FEMALE HEADER STRAIGHT - 4.5mm PROFILE
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
FEMALE HEADER SMT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com