Electronic Components Datasheet Search
  English  ▼

X  

B14 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B14
Description  FEMALE HEADER PROFILE : 4.2mm SIDE-ENTRY TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B14 Datasheet(HTML) 1 Page - DB Lectro Inc

  B14 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
¡@
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - B14

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B14 AMPHENOL-B14 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Diodes Incorporated
B140 DIODES-B140 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Fuji Electric
B140 FUJI-B140 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B140 WEITRON-B140 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B140 BILIN-B140 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B14

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B24 DBLECTRO-B24 Datasheet
259Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B25 DBLECTRO-B25 Datasheet
262Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B27C DBLECTRO-B27C Datasheet
191Kb / 1P
FEMALE HEADER PROFILE : 7.0mm SMT TYPE
B29 DBLECTRO-B29 Datasheet
206Kb / 1P
FEMALE HEADER PROFILE : 3.3mm SIDE-ENTRY TYPE(SINGLE ROW)
B30 DBLECTRO-B30 Datasheet
221Kb / 1P
FEMALE HEADER PROFILE : 5.8mm SIDE-ENTRY TYPE (DUAL ROW)
B33 DBLECTRO-B33 Datasheet
245Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B34 DBLECTRO-B34 Datasheet
233Kb / 1P
FEMALE HEADER PROFILE : 2.1mm SMT TYPE
logo
Dubilier
DBCIDCB14D04BG1 DUBILIER-DBCIDCB14D04BG1 Datasheet
106Kb / 1P
FEMALE HEADERS FEMALE HEADER SIDE ENTRY - 4.2mm PROFILE
logo
Adam Technologies, Inc.
DMKA-XX-T-3 ADAM-TECH-DMKA-XX-T-3 Datasheet
60Kb / 1P
MINIFIT CONNECTOR DUAL ROW 4.2MM HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com