Electronic Components Datasheet Search
  English  ▼

X  

OPA2186DDFR Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2186DDFR
Description  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2186DDFR Datasheet(HTML) 4 Page - Texas Instruments

  OPA2186DDFR Datasheet HTML 1Page - Texas Instruments OPA2186DDFR Datasheet HTML 2Page - Texas Instruments OPA2186DDFR Datasheet HTML 3Page - Texas Instruments OPA2186DDFR Datasheet HTML 4Page - Texas Instruments OPA2186DDFR Datasheet HTML 5Page - Texas Instruments OPA2186DDFR Datasheet HTML 6Page - Texas Instruments OPA2186DDFR Datasheet HTML 7Page - Texas Instruments OPA2186DDFR Datasheet HTML 8Page - Texas Instruments OPA2186DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage, VS = (V+) – (V–)
26
V
Input voltage
Common-mode
(V–) –0.5
(V+) + 0.5
V
Differential
(V+) – (V–) + 0.2
Output short-circuit(2)
Continuous
TJ
Operating junction temperature
-40
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Short-circuit to ground, one amplifier per package.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
4000
V
Charged-device model (CDM), per JANSI/ESDA/JEDEC JS-002(2)
1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply
voltage
Single supply
4.5
24
V
Dual supply
±2.25
±12
TA
Specified temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
OPA2186
UNIT
DDF (SOT-23)
D (SOIC)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
150.4
128.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
85.6
69.2
°C/W
RθJB
Junction-to-board thermal resistance
70.0
72.3
°C/W
ΨJT
Junction-to-top characterization parameter
8.1
20.7
°C/W
ΨJB
Junction-to-board characterization parameter
69.6
71.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
OPA2186
SBOS968A – JUNE 2022 – REVISED SEPTEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com