Electronic Components Datasheet Search
  English  ▼

X  

FSA4485 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA4485
Description  USB Type-C Analog Audio Switch with Over Voltage Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4485 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA4485 Datasheet HTML 1Page - ON Semiconductor FSA4485 Datasheet HTML 2Page - ON Semiconductor FSA4485 Datasheet HTML 3Page - ON Semiconductor FSA4485 Datasheet HTML 4Page - ON Semiconductor FSA4485 Datasheet HTML 5Page - ON Semiconductor FSA4485 Datasheet HTML 6Page - ON Semiconductor FSA4485 Datasheet HTML 7Page - ON Semiconductor FSA4485 Datasheet HTML 8Page - ON Semiconductor FSA4485 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
© Semiconductor Components Industries, LLC, 2019
January, 2021 − Rev. 0
1
Publication Order Number:
FSA4485/D
USB Type-C Analog Audio
Switch with Over Voltage
Protection
FSA4485
PRODUCT SUMMARY
General Description
The FSA4485 is a high performance USB Type−C port multimedia
switch to supports analog audio headsets. The FSA4485 allows
sharing of the USB Type−C port to pass USB2.0 signals, analog audio,
sideband use signals, and analog microphone signal. For enhanced
audio performance the FSA4485 incorporates MOSFET gate drivers
to support low resistance external analog ground switches. The
FSA4485 features Over Voltage Protection on all connector facing
pins as well as Over Current Protection for the analog ground switch.
Features
• VCC Range from 2.7 V to 5.5 V (Primary)
• OVP Function on Common Node Pins
• Over Current Protection for Analog Ground Switch
• Analog Audio Device Unplug Detection
• 16 V DC Tolerance on Connector Side Pins:
DP_R, DN_L, GBSUx, SBUx
• 20 V DC Tolerance on CC_IN
• High Performance Audio/USB SW:
♦ Audio SW, THD+N < −109 dB; 1 VRMS, 32
W Load;
♦ USB SW, BW: 1 GHz
• 225 mW (Typical) Sense to GSBUx on Resistance
• 78 mW (Typical) SBUx to AGND on Resistance
• Programmable Gate Drive for Optional External SBUx to AGND
Switch
• 1.2 V Capable I2C Interface
• Two I2C Addresses
• Optional Normally Closed Configuration for SBU Data Switch to
Support Factory Test
• Moisture/Resistance Detection on DP_R, DN_L and SBUx
Applications
• Mobile Phone
• Tablet
• Notebook PC
• Media Player
www.onsemi.com
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
WLCSP25
CASE 567YL
6F&K
&.&2&Z
1
6F
= Alphanumeric Device Marking
&K
= Lot Run Code
&2
= Alphabetical Year Code
&Z
= Assembly Plant Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com