Electronic Components Datasheet Search
  English  ▼

X  

CSD01060 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSD01060
Description  ZERO RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSD01060 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSD01060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD01060 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRELIMINARY
CSD01060
Page 4 • CSD01060, Rev -
®
P O W E R
Package Dimensions
Package TO-220-2
Package TO-252-2
NOTE:
1.
Dimension L, M, W apply for Solder Dip Finish.
B
A
C
D
E
F
G
H
J
K
L
N
Min
Max
Min
Max
A
.402
.408
10.211
10.364
B
.120
.124
3.048
3.150
C
.106
.110
2.692
2.794
D
.245
.251
6.223
6.375
E
.335
.345
8.509
8.763
F
.149
.153
3.784
3.886
G
.220
.240
5.588
6.096
H
.540
.550
13.716
13.970
J
K
.080
2.032
L
.050
.056
1.270
1.422
M
.032
.038
.813
.956
N
.197
.203
5.004
5.156
P
.170
.180
4.318
4.572
Q
.048
.052
1.219
1.321
R
.583
.593
14.808
15.062
S
6.5
°
8.5
°
6.5
°
8.5
°
T
6.5
°
8.5
°
6.5
°
8.5
°
U
6.5
°
8.5
°
6.5
°
8.5
°
V
.103
.107
2.616
2.718
W
.015
.021
.381
.533
X
2.0
°
4.0
°
2.0
°
4.0
°
Y
.396
.406
10.058
10.312
Inches
Millimeters
POS
.100 REF
2.540 REF
¡
¡
¡
PIN 1
PIN 2
CASE
W
V
U
T
S
R
Q
P
Y
X (2X)
M
A
B
C
D
E
F
G
H
J
¡
¡
¡
PIN 1
PIN 2
CASE
K
L
M
N
P
Q
R
S
T
U
Min
Max
Min
Max
A
.255
.265
6.477
6.731
B
.197
.205
5.004
5.207
C
.027
.033
.686
.838
D
.292
.322
7.417
8.179
E
.178
.182
4.521
4.623
F
.025
.035
.635
.889
G
44°
46°
44°
46°
H
.382
.397
9.703
10.084
J
K
6°
8°
6°
8°
L
.086
.094
2.184
2.388
M
.030
.034
.762
.864
N
.040
.044
1.016
1.118
P
.235
.245
5.969
6.223
Q
0.00
.004
0.00
.102
R
S
.017
.023
.428
.588
T
.040
.044
1.016
1.118
U
.021
.027
.534
.686
R0.01TYP
R0.31TYP
POS
Inches
Millimeters
.090TYP
2.286TYP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com