Electronic Components Datasheet Search
  English  ▼

X  

LSM6DSV16BX Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSV16BX
Description  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSV16BX Datasheet HTML 1Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 2Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 3Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 4Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 5Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 6Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 7Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 8Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
2
Embedded low-power features
The LSM6DSV16BX has been designed to be fully compliant with Android, featuring the following on-chip
functions:
•
4.5 KB FIFO data buffering, data can be compressed two or three times
–
100% efficiency with flexible configurations and partitioning
–
Possibility to store timestamp
•
Event-detection interrupts (fully configurable)
–
Free-fall
–
Wakeup
–
6D orientation
–
Click and double-click sensing
–
Activity/inactivity recognition
–
Stationary/motion detection
•
Specific IP blocks (called "embedded functions") with negligible power consumption and high-performance
–
Pedometer functions: step detector and step counters
–
Tilt
–
Significant motion detection
–
Finite state machine (FSM)
–
Machine learning core (MLC) with exportable features and filters for AI applications
–
Embedded sensor fusion low-power (SFLP) algorithm
•
Analog hub for processing external analog input data
•
Qvar: electric charge variation detection
2.1
Pedometer functions: step detector and step counters
The LSM6DSV16BX embeds an advanced pedometer with an algorithm running in an ultra-low-power domain in
order to ensure extensive battery life in battery-constrained applications.
Leveraging on enhanced configurability, the advanced embedded pedometer is suitable for a large range of
applications from mobile to wearable devices.
The algorithm processes and analyzes the accelerometer waveform in order to count the user's steps during
walking and running activities.
The pedometer works at 30 Hz and it is not affected by the selected device power mode (ultra-low-power, low-
power, high-performance), thus guaranteeing an ultra-low-power experience and extreme flexibility in conjunction
with other device functionalities.
The accelerometer operating mode can be changed at runtime and is based on user requirements without
impacting the performance of the pedometer.
The pedometer output can be batched in the device's FIFO buffer, in order to decrease overall system current
consumption.
ST freely provides the support and the tools for easily configuring the device and tuning the algorithm
configuration for a best-in-class user experience.
LSM6DSV16BX
Embedded low-power features
DS13771 - Rev 2
page 4/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com