Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-HMC01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-HMC01F2
Description  6 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HMC01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-HMC01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF06-HMC01F2
4/7
Figure 8: Aplac model device structure
Figure 9: Aplac model parameters
R6
R5
R4
dat3
MMCdat2
MMCdat1
MMCdat0
dat2
dat1
dat0
Lbump
bulk
Rbump
MMCdat3
Lbump
Rbump
Lbump
Rbump
Lgnd
Rgnd
Lbump
Cgnd
Rbump
bulk
Lbump Rbump
Rsub
Cbump
B4
Vmmc_Vdd
R14
R13
R3
bulk
Rsub
Cbump
A4
bulk
MODEL = demif06_gnd
MODEL = demif06
Rsub
Cbump
A2
bulk
Rsub
Cbump
C4
bulk
Rsub
Cbump
C3
Lbump
Rbump
Lbump Rbump
MMCcmd
MMCclk
MMCdat0
MMCdat1
clk
MMCcmd
R12
cmd
R2
MMCclk
R11
clk
R10
MODEL = demif06
Lbump Rbump
R7
bulk
Rsub
Cbump
D4
bulk
Rsub
Cbump
D3
bulk
Rsub
Cbump
A1
bulk
Rsub Cbump
B1
MMCdat3
Lbump Rbump
bulk
Rsub Cbump
B2
bulk
Rsub
Lbump
Cbump
A3
Vmmc_Vdd
Rbump
bulk
Rsub Cbump
Lbump
Rbump
C1
Lbump
Rbump
dat2
Lbump
Rbump
bulk
Rsub Cbump
D1
Lbump
Rbump
dat3
MMCdat2
dat1
cmd
dat0
Variables
Cz 11pF
Cz_gnd 45pF
RS_gnd 480m
Ls 950pH
Rs 150m
Rbump 100m
Lbump 50pH
Cbump 0.15pF
Lgnd 50pH
Rgnd 100m
Cgnd 0.15pF
Variables
R2 50
R3 50
R4 50
R5 50
R6 50
R7 50
R10 75k
R11 75k
R12 75k
R13 75k
R14 7k
Rsub 100m
demif06_gnd
BV=14
IBV=1m
CJO=Cz_gnd
M=0.31
RS=RS_gnd
VJ=0.6
TT=100n
demif06
BV=14
IBV=1m
CJO=Cz
M=0.31
RS=1
VJ=0.6
TT=100n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com