Electronic Components Datasheet Search
  English  ▼

X  

FTS2001 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2001
Description  DC-DC Converter Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2001 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2001 Datasheet HTML 1Page - Sanyo Semicon Device FTS2001 Datasheet HTML 2Page - Sanyo Semicon Device FTS2001 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FTS2001
PS No.5694-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of June, 1998. Specifications and information herein are subject to
change without notice.
2
3
5
7
100
1000
2
3
5
7
10000
0
2468
10
12
14
16
18
20
0
1
2
3
4
5
10
9
8
7
6
0
5
1015202530
Ciss,Coss,Crss - VDS
VGS - Qg
Drain-to-Source Voltage, VDS – V
Total Gate Charge, Qg
–
nC
f = 1MHz
Ciss
Crss
Coss
VDS=10V
ID=5A
2
3
5
7
0.1
10
100
2
3
5
7
1000
23
5
7
7
1.0
23
5
7 10
2
2
2
3
3
5
5
5
7
7
7
0.1
1.0
1.0
23
23
57
10
2
3
5
7
10
2
3
5
,,,,,,
,,,,,,
,,,,,,
020
0.5
1.0
2.0
1.5
0
40
60
80
100
120
140
160
SW Time - I D
P D -
Ta
A S O
Drain Current,I D –A
Storage Temperature, Ta – ˚C
Drain-to-Source Voltage, VDS –V
VDD=10V
VGS=4V
t f
td(off)
t d(on)
Ta= 25˚C
1pulse
1ms
10ms
100ms
100
µs
DC
operation
Operation in this area
is limited
by RDS(on).
Mounted
on
ceramic
board
(1000mm
2×
0.8mm)
IDP=30A
I D=5A
Mounted on ceramic board (1000mm2
×0.8mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com