Electronic Components Datasheet Search
  English  ▼

X  

BC847BFZ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847BFZ
Description  45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BFZ Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847BFZ Datasheet HTML 1Page - Diodes Incorporated BC847BFZ Datasheet HTML 2Page - Diodes Incorporated BC847BFZ Datasheet HTML 3Page - Diodes Incorporated BC847BFZ Datasheet HTML 4Page - Diodes Incorporated BC847BFZ Datasheet HTML 5Page - Diodes Incorporated BC847BFZ Datasheet HTML 6Page - Diodes Incorporated BC847BFZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BC847BFZ
Document number: DS37157 Rev. 2 - 2
3 of 7
www.diodes.com
March 2015
© Diodes Incorporated
BC847BFZ
Thermal Characteristics and Derating Information
100m
1
10
1m
10m
100m
Single Pulse
T
amb
=25°C
Minimum Copper
V
CE(sat)
Limited
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Minimum Copper
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
400
450
500
T
amb
=25°C
Minimum Copper
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0.1
1
10
100
Single Pulse
T
amb
=25°C
Minimum Copper
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com