Electronic Components Datasheet Search
  English  ▼

X  

STP20N60M2-EP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP20N60M2-EP
Description  N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20N60M2-EP Datasheet(HTML) 4 Page - STMicroelectronics

  STP20N60M2-EP Datasheet HTML 1Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 2Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 3Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 4Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 5Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 6Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 7Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 8Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 6.5 A, RG = 4.7 Ω,
VGS = 10 V (see Figure 14. Test circuit
for resistive load switching times and
Figure 19. Switching time waveform)
-
10.5
-
ns
tr
Rise time
-
5.2
-
ns
td(off)
Turn-off delay time
-
41
-
ns
tf
Fall time
-
8
-
ns
Table 8. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
13
A
ISDM (1)
Source-drain current (pulsed)
-
52
A
VSD (2)
Forward on voltage
VGS = 0 V, ISD = 13 A
-
1.6
V
trr
Reverse recovery time
ISD = 13 A, di/dt = 100 A/µs, VDD = 60 V
(see Figure 16. Test circuit for inductive
load switching and diode recovery
times )
-
230
ns
Qrr
Reverse recovery charge
-
2.3
µC
IRRM
Reverse recovery current
-
20
A
trr
Reverse recovery time
ISD = 13 A, di/dt = 100 A/µs, VDD = 60 V,
Tj = 150 °C (see Figure 16. Test circuit
for inductive load switching and diode
recovery times)
-
287
ns
Qrr
Reverse recovery charge
-
2.9
µC
IRRM
Reverse recovery current
-
20.2
A
1. Pulse width is limited by safe operating area
2. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
STP20N60M2-EP
Electrical characteristics
DS11505 - Rev 3
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com