Electronic Components Datasheet Search
  English  ▼

X  

STP33N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP33N60DM6
Description  N-channel 600 V, 115 m typ., 25 A, MDmesh™ DM6 Power MOSFET in a TO‑220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP33N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STP33N60DM6 Datasheet HTML 1Page - STMicroelectronics STP33N60DM6 Datasheet HTML 2Page - STMicroelectronics STP33N60DM6 Datasheet HTML 3Page - STMicroelectronics STP33N60DM6 Datasheet HTML 4Page - STMicroelectronics STP33N60DM6 Datasheet HTML 5Page - STMicroelectronics STP33N60DM6 Datasheet HTML 6Page - STMicroelectronics STP33N60DM6 Datasheet HTML 7Page - STMicroelectronics STP33N60DM6 Datasheet HTML 8Page - STMicroelectronics STP33N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG191220180852SOA
101
100
10-1
10-2
10-1
100
101
102
ID
(A)
VDS (V)
Operation in this area
is limited by RDS(on)
Single pulse,
TC = 25 °C,
TJ ≤ 150 °C
tp = 10 μs
tp = 1 μs
tp = 1 ms
tp = 10 ms
tp = 100 μs
Figure 2. Normalized thermal impedance
GC20540
Figure 3. Output characteristics
GADG191220180852OCH
70
60
50
40
30
20
10
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS = 6 V
VGS = 7 V
VGS = 8 V
VGS = 9 V
VGS = 10 V
Figure 4. Transfer characteristics
GADG191220180853TCH
70
60
50
40
30
20
10
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GADG191220180853QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
5
10
15
20
25
30
35
Qg (nC)
VDS
Qg
Qgd
Qgs
VDD = 480 V, ID = 25 A
VDS
(V)
VGS
(V)
Figure 6. Capacitance variations
GADG191220180854CVR
10 4
10 3
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
STP33N60DM6
Electrical characteristics (curves)
DS12878 - Rev 3
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com