Electronic Components Datasheet Search
  English  ▼

X  

STP65N150M9 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP65N150M9
Description  N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP65N150M9 Datasheet(HTML) 1 Page - STMicroelectronics

  STP65N150M9 Datasheet HTML 1Page - STMicroelectronics STP65N150M9 Datasheet HTML 2Page - STMicroelectronics STP65N150M9 Datasheet HTML 3Page - STMicroelectronics STP65N150M9 Datasheet HTML 4Page - STMicroelectronics STP65N150M9 Datasheet HTML 5Page - STMicroelectronics STP65N150M9 Datasheet HTML 6Page - STMicroelectronics STP65N150M9 Datasheet HTML 7Page - STMicroelectronics STP65N150M9 Datasheet HTML 8Page - STMicroelectronics STP65N150M9 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
3
TO-220
TAB
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STP65N150M9
650 V
150 mΩ
20 A
•
Worldwide best FOM RDS(on)*Qg among silicon-based devices
•
Higher VDSS rating
•
Higher dv/dt capability
•
Excellent switching performance
•
Easy to drive
•
100% avalanche tested
•
Zener-protected
Applications
•
High efficiency switching applications
Description
This N-channel Power MOSFET is based on the most innovative super-junction
MDmesh M9 technology, suitable for medium/high voltage MOSFETs featuring very
low RDS(on) per area. The silicon based M9 technology benefits from a multi-drain
manufacturing process which allows an enhanced device structure. The resulting
product has one of the lower on-resistance and reduced gate charge values,
among all silicon based fast switching super-junction Power MOSFETs, making
it particularly suitable for applications that require superior power density and
outstanding efficiency.
Product status link
STP65N150M9
Product summary
Order code
STP65N150M9
Marking
65N150M9
Package
TO-220
Packing
Tube
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET
in a TO-220 package
STP65N150M9
Datasheet
DS13496 - Rev 1 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP65N150M9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
More results

Similar Description - STP65N150M9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20N90K5 STMICROELECTRONICS-STP20N90K5 Datasheet
695Kb / 13P
N-channel 900 V, 0.21 Ω typ., 20 A MDmesh™ K5 Power MOSFET in a TO-220 package
24-Jan-2017
STO68N65DM6 STMICROELECTRONICS-STO68N65DM6 Datasheet
1Mb / 15P
N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
06-May-2021
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
22-Nov-2019
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
STW35N65DM2 STMICROELECTRONICS-STW35N65DM2 Datasheet
262Kb / 12P
N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
31-Aug-2020
STW50N65DM6 STMICROELECTRONICS-STW50N65DM6 Datasheet
250Kb / 12P
N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
02-Jul-2020
STF18N65DM2 STMICROELECTRONICS-STF18N65DM2 Datasheet
234Kb / 12P
N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
10-May-2021
STD65N160M9 STMICROELECTRONICS-STD65N160M9 Datasheet
336Kb / 15P
N-channel 650 V, 132 mΩ typ., 20 A MDmesh M9 Power MOSFET in a DPAK package
01-Dec-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com