Electronic Components Datasheet Search
  English  ▼

X  

LDS3985M18R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDS3985M18R
Description  ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M18R Datasheet(HTML) 5 Page - STMicroelectronics

  LDS3985M18R Datasheet HTML 1Page - STMicroelectronics LDS3985M18R Datasheet HTML 2Page - STMicroelectronics LDS3985M18R Datasheet HTML 3Page - STMicroelectronics LDS3985M18R Datasheet HTML 4Page - STMicroelectronics LDS3985M18R Datasheet HTML 5Page - STMicroelectronics LDS3985M18R Datasheet HTML 6Page - STMicroelectronics LDS3985M18R Datasheet HTML 7Page - STMicroelectronics LDS3985M18R Datasheet HTML 8Page - STMicroelectronics LDS3985M18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LDS3985 SERIES
5/13
TYPICAL PERFORMANCE CHARACTERISTICS (Tj = 25°C, VI = VO(NOM) +0.5V, CI = 1µF, CO = 2,2µF,
CBYP = 33nF, IO = 1mA, VINH = 1.4V, unless otherwise specified)
Figure 4: Output Voltage vs Temperature
Figure 5: Output Voltage vs Temperature
Figure 6: Output Voltage vs Temperature
Figure 7: Shutdown Voltage vs Temperature
Figure 8: Shutdown Voltage vs Temperature
Figure 9: Line Regulation vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com