Electronic Components Datasheet Search
  English  ▼

X  

STW50N65DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW50N65DM6
Description  N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW50N65DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STW50N65DM6 Datasheet HTML 1Page - STMicroelectronics STW50N65DM6 Datasheet HTML 2Page - STMicroelectronics STW50N65DM6 Datasheet HTML 3Page - STMicroelectronics STW50N65DM6 Datasheet HTML 4Page - STMicroelectronics STW50N65DM6 Datasheet HTML 5Page - STMicroelectronics STW50N65DM6 Datasheet HTML 6Page - STMicroelectronics STW50N65DM6 Datasheet HTML 7Page - STMicroelectronics STW50N65DM6 Datasheet HTML 8Page - STMicroelectronics STW50N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG261120190945SOA
10 2
10 1
10 0
10 -1
10 -2
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
single pulse
TC = 25 °C
TJ ≤ 150 °C
tp =100 µs
tp =10 µs
tp =1 ms
tp =1 µs
V(BR)DSS
Operation
in
this
area
is limited
by
RDS(on)
RDS(on) max.
IDM
tp =10 ms
Figure 2. Maximum transient thermal impedance
GADG211120191320ZTH
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
RthJ-C = 0.5°C/W
Zthj-c
(°C/W)
duty = 0.5
0.4
0.3
0.2
Single pulse
0.5
0.1
Figure 3. Typical output characteristics
GADG090720191225OCH
100
80
60
40
20
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS = 9, 10 V
VGS = 8 V
VGS = 7 V
VGS = 6 V
VGS = 5 V
Figure 4. Typical transfer characteristics
GADG090720191225TCH
100
80
60
40
20
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Typical gate charge characteristics
GADG090720191225QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
10
20
30
40
50
60
VDS
(V)
VGS
(V)
Qg (nC)
VDD = 520 V, ID = 33 A
Qg
Qgs
Qgd
Figure 6. Typical drain-source on-resistance
GADG090720191226RID
80
78
76
74
72
70
68
0
5
10
15
20
25
30
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
STW50N65DM6
Electrical characteristics (curves)
DS13174 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com