Electronic Components Datasheet Search
  English  ▼

X  

STWA50N65DM2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA50N65DM2AG
Description  Automotive-grade N-channel 650 V, 0.070 typ., 38 A Power MOSFET MDmesh™ DM2 in TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA50N65DM2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STWA50N65DM2AG Datasheet HTML 1Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 2Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 3Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 4Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 5Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 6Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 7Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 8Page - STMicroelectronics STWA50N65DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 2017
DocID030213 Rev 2
1/12
This is information on a product in full production.
www.st.com
STWA50N65DM2AG
Automotive-grade N-
channel 650 V, 0.070 Ω typ., 38 A
Power MOSFET MDmesh™ DM2 in TO-247 long leads package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STWA50N65DM2AG
650 V
0.087 Ω
38 A
300 W
AEC-Q101 qualified
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STWA50N65DM2AG
50N65DM2
TO-247 long leads
Tube
The HTRB test was performed at 80% V(BR)DSS in compliance with AEC-Q101 rev. C. All the
other tests were performed according to rev. D.
D(2)
G(1)
S(3)
AM01476v1_No_tab


Similar Part No. - STWA50N65DM2AG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STWA57N65M5 ISC-STWA57N65M5 Datasheet
417Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STWA57N65M5 STMICROELECTRONICS-STWA57N65M5 Datasheet
1,021Kb / 17P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
13-Dec-2013
More results

Similar Description - STWA50N65DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW50N65DM2AG STMICROELECTRONICS-STW50N65DM2AG Datasheet
768Kb / 12P
Automotive-grade N-channel 650 V, 0.070 Ω typ., 38 A Power MOSFET MDmesh™ DM2 in a TO-247 package
09-Jul-2015
STW58N65DM2AG STMICROELECTRONICS-STW58N65DM2AG Datasheet
718Kb / 12P
Automotive-grade N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STW65N65DM2AG STMICROELECTRONICS-STW65N65DM2AG Datasheet
402Kb / 12P
Automotive-grade N-channel 650 V, 0.042 Ω typ., 60 A Power MOSFET MDmesh™ DM2 in a TO-247 package
04-Aug-2015
STWA48N60DM2 STMICROELECTRONICS-STWA48N60DM2 Datasheet
728Kb / 12P
N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
December 2016
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STWA63N65DM2 STMICROELECTRONICS-STWA63N65DM2 Datasheet
329Kb / 12P
N-channel 650 V, 0.042 typ., 60 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
April 2018 Rev 1
STWA65N65DM2AG STMICROELECTRONICS-STWA65N65DM2AG Datasheet
324Kb / 12P
Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
25-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com