Electronic Components Datasheet Search
  English  ▼

X  

STWA68N65DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWA68N65DM6
Description  N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA68N65DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STWA68N65DM6 Datasheet HTML 1Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 2Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 3Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 4Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 5Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 6Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 7Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 8Page - STMicroelectronics STWA68N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
tp=10 µs
tp=1 µs
tp=100 µs
tp=1 ms
V(BR)DSS
tp=10 ms
GADG060520201023SOA
102
101
100
10-1
10-2
10-1
100
101
102
ID
(A)
VDS (V)
single pulse
TC = 25 °C
TJ ≤ 150 °C
VGS=10 V
RDS(on) max.
IDM
Operation
in
this
area
is limited
by
RDS(on)
Figure 2. Maximum transient thermal impedance
GADG060520201023ZTH
10-1
10-2
10-3
10-4
10-6
10-5
10-4
10-3
10-2
10-1
tp (s)
ton
T
duty = ton / T
RthJC = 0.29 °C/W
ZthJC
(°C/W)
duty=0.5
Single pulse
0.05
3
2
4
Figure 3. Typical output characteristics
GADG060520201021OCH
160
120
80
40
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS =7 V
VGS =8 V
VGS =9, 10 V
VGS =6 V
Figure 4. Typical transfer characteristics
GADG060520201021TCH
160
120
80
40
0
0
2
4
6
8
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Typical gate charge characteristics
GADG060520201022QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
16
32
48
64
80
96
VDS
(V)
VGS
(V)
Qg (nC)
VDD = 520 V
Qgs
Qgd
ID = 48 A
Qg
VDS
Figure 6. Typical drain-source on-resistance
GADG060520201019RID
54
53
52
51
50
49
0
10
20
30
40
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
STWA68N65DM6
Electrical characteristics (curves)
DS12367 - Rev 3
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com