Electronic Components Datasheet Search
  English  ▼

X  

STWA72N60DM2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA72N60DM2AG
Description  Automotive-grade N-channel 600 V, 37 mΩ typ., 66 A, MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA72N60DM2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STWA72N60DM2AG Datasheet HTML 1Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 2Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 3Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 4Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 5Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 6Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 7Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 8Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D(2)
G(1)
S(3)
AM01476v1_No_tab
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STWA72N60DM2AG
600 V
42 mΩ
66 A
446 W
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Extremely low gate charge and input capacitance
•
Low on-resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh™ DM2 fast-
recovery diode series. It offers very low recovery charge (Qrr) and time (trr) combined
with low RDS(on), rendering it suitable for the most demanding high-efficiency
converters and ideal for bridge topologies and ZVS phase-shift converters.
Product status link
STWA72N60DM2AG
Product summary
Order code
STWA72N60DM2AG
Marking
72N60DM2
Package
TO-247 long leads
Packing
Tube
Automotive-grade N-channel 600 V, 37 mΩ typ., 66 A, MDmesh™ DM2
Power MOSFET in a TO-247 long leads package
STWA72N60DM2AG
Datasheet
DS12726 - Rev 1 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWA72N60DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA72N60DM6AG STMICROELECTRONICS-STWA72N60DM6AG Datasheet
279Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 long leads package
20-May-2021
More results

Similar Description - STWA72N60DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW37N60DM2AG STMICROELECTRONICS-STW37N60DM2AG Datasheet
705Kb / 12P
Automotive-grade N-channel 600 V, 0.094 Ω typ., 28 A MDmesh™ DM2 Power MOSFET in a TO-247 package
August 2015 Rev 1
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
Automotive-grade N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
03-Jul-2015
STW58N60DM2AG STMICROELECTRONICS-STW58N60DM2AG Datasheet
728Kb / 12P
Automotive-grade N-channel 600 V, 0.052 Ω typ., 50 A MDmesh™ DM2 Power MOSFET in a TO-247 package
20-Jul-2015
STWA48N60DM2 STMICROELECTRONICS-STWA48N60DM2 Datasheet
728Kb / 12P
N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
December 2016
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STWA65N65DM2AG STMICROELECTRONICS-STWA65N65DM2AG Datasheet
324Kb / 12P
Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
25-May-2020
STWA70N60DM2 STMICROELECTRONICS-STWA70N60DM2 Datasheet
414Kb / 12P
N-channel 600 V, 0.037 typ., 66 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
July 2015 Rev 2
STWA72N60DM6AG STMICROELECTRONICS-STWA72N60DM6AG Datasheet
279Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 long leads package
20-May-2021
STWA40N60M2 STMICROELECTRONICS-STWA40N60M2 Datasheet
350Kb / 12P
N-channel 600 V, 78 mΩ typ., 34 A MDmesh M2 Power MOSFET in a TO-247 long leads package
27-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com