Electronic Components Datasheet Search
  English  ▼

X  

B27B Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B27B
Description  FEMALE HEADER DUAL ROW PROFILE : 5.0mm SMT TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B27B Datasheet(HTML) 1 Page - DB Lectro Inc

  B27B Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - B27B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
logo
PowerDynamics, Inc
B27 POWERDYNAMICS-B27 Datasheet
42Kb / 1P
4 CELL AA (R6) BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
logo
Diodes Incorporated
B270 DIODES-B270 Datasheet
44Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
B270 DIODES-B270 Datasheet
265Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B270 DIODES-B270 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
More results

Similar Description - B27B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B23 DBLECTRO-B23 Datasheet
242Kb / 1P
FEMALE HEADER PROFILE : 5.0mm STRAIGHT
B24 DBLECTRO-B24 Datasheet
259Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B25 DBLECTRO-B25 Datasheet
262Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B27A DBLECTRO-B27A Datasheet
281Kb / 1P
FEMALE HEADER SINGLE ROW PROFILE : 5.0mm SMT TYPE
B27C DBLECTRO-B27C Datasheet
191Kb / 1P
FEMALE HEADER PROFILE : 7.0mm SMT TYPE
B33 DBLECTRO-B33 Datasheet
245Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B34 DBLECTRO-B34 Datasheet
233Kb / 1P
FEMALE HEADER PROFILE : 2.1mm SMT TYPE
logo
Dubilier
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com