Electronic Components Datasheet Search
  English  ▼

X  

24666100 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # 24666100
Description  COLOR TELEVISION
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24666100 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button 24666100 Datasheet HTML 10Page - Toshiba Semiconductor 24666100 Datasheet HTML 11Page - Toshiba Semiconductor 24666100 Datasheet HTML 12Page - Toshiba Semiconductor 24666100 Datasheet HTML 13Page - Toshiba Semiconductor 24666100 Datasheet HTML 14Page - Toshiba Semiconductor 24666100 Datasheet HTML 15Page - Toshiba Semiconductor 24666100 Datasheet HTML 16Page - Toshiba Semiconductor 24666100 Datasheet HTML 17Page - Toshiba Semiconductor 24666100 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
– 14 –
SETTING & ADJUSTING DATA
36"
HIGH VOLTAGE AT ZERO BEAM:
(A)
32.7 kV
MAX HIGH VOLTAGE:
(B)
34.1 kV
Table-1
RCUT
GCUT
BCUT
GDRV
BDRV
BRTC
TNTC
SCOL
SCNT
HIT
LIN
VSC
VPS2
VCP
WID
R CUTOFF
G CUTOFF
B CUTOFF
G DRIVE
B DRIVE
BRIGHT CENT
TINT CENT
SUB-COLOR
SUB-CONTRAST
HEIGHT
V-LINEARITY
V-S CORRECTION
V-SHIFT
V-COMPENSATION
PICTURE WIDTH
SERVICE MODE
ADJUSTING ITEMS AND DATAS IN THE SERVICE MODE:
CHAPTER 2 SPECIFIC INFORMATIONS
SAFETY INSTRUCTIONS
Item
Name of adjustment
Item
Name of adjustment
Preset
Table-2
OPTION: (PROGRESSIVE 4:3 DV)
40H
40H
40H
40H
40H
80H
46H
06H
12H
40H
14H
36H
02H
02H
1EH
Preset
16H
13H
33H
02H
0CH
3FH
2FH
04H
40H
0FH
19H
17H
24H
1EH
PARA
CNR
TRAP
HCP
VFC
HPS
GMPS
CPAR
PHUE
PCNT
PCOL
PYOF
PIOF
PQOF
E-W PARABOLA
E-W CORNER
TRAPEZIUM
H-CONMPENSATION
V-F CORRECTION
H-POSITION
GMPS
CENTER PARA
PIP TINT
PIP CONTRAST
PIP COLOR
PIP Y OFF SET
PIP I OFF SET
PIP Q OFF SET
Data
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
Data
←
←
←
←
←
←
←
←
←
←
←
←
←
←
Table-3
CIRCUIT CHECKS
Table-4
FAIL SAFE DET. VOLTAGE
(C)
20.44 V
OPT1 (2CAH)
OPT2(2CBH)
MODELS
HEX
HEX
36"
4AH
25H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com