Electronic Components Datasheet Search
  English  ▼

X  

APM4542 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM4542
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4542 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM4542 Datasheet HTML 1Page - Anpec Electronics Coropration APM4542 Datasheet HTML 2Page - Anpec Electronics Coropration APM4542 Datasheet HTML 3Page - Anpec Electronics Coropration APM4542 Datasheet HTML 4Page - Anpec Electronics Coropration APM4542 Datasheet HTML 5Page - Anpec Electronics Coropration APM4542 Datasheet HTML 6Page - Anpec Electronics Coropration APM4542 Datasheet HTML 7Page - Anpec Electronics Coropration APM4542 Datasheet HTML 8Page - Anpec Electronics Coropration APM4542 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Sep., 2003
www.anpec.com.tw
4
APM4542
-50
-25
0
25
50
75
100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS
=250
µA
012
3
4
5
0
4
8
12
16
20
24
28
V
GS
=2V
V
GS
=3V
V
GS
= 4,5,6,7,8,9,10V
N-Channel
Typical Characteristics
Output Characteristics
V
DS-Drain-to-Source Voltage (V)
Transfer Characteristics
V
GS-Gate-to-Source Voltage (V)
Threshold Voltage vs. Junction Temperature
T
j-Junction Temperature (°C)
On-Resistance vs. Drain Current
I
DS-Drain Current (A)
1.5
2.0
2.5
3.0
3.5
0
4
8
12
16
20
24
28
T
j
=125
o
C
T
j
=25
oC
T
j
=-55
oC
0
4
8
121620
2428
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
V
GS
=10V
V
GS
=4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com