Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG107 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9FG107
Description  Programmable FTG for Differential CPU, PCI Express & SATA Clocks
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG107 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9FG107 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS9FG107
0863C—11/22/04
Pin Configuration
Recommended Application:
Frequency Timing Generator for Differential CPU, PCI Express
& SATA clocks
Features:
•
Generates common CPU/PCI Express frequencies from
14.318 MHz or 25 MHz
•
Crystal or reference input
•
7 - 0.7V current-mode differential output pairs
•
3 - 33MHz PCI outputs
•
1 - REFOUT
•
Supports Serial-ATA at 100 MHz
•
Two spread spectrum modes: 0 to -0.5 downspread and
+/-0.25% centerspread
•
Unused inputs may be disabled in either driven or Hi-Z
state for power management.
Key Specifications:
•
Output cycle-to-cycle jitter for DIF outputs < 50 ps (<85ps
@ 266 MHz)
•
Output to output skew for DIF outputs < 85 ps
•
+/-300 ppm frequency accuracy on output clocks
Programmable FTG for Differential CPU, PCI Express* & SATA Clocks
48-pin SSOP & TSSOP
XIN/CLKIN
1
48 VDDA
X2
2
47 GNDA
VDD
3
46 IREF
GND
4
45 *DWNSPRD#
*FS2/REFOUT
5
44 **FS1
GND
6
43 *OE_0
*FS0/PCICLK_F
7
42 DIF_0
PCICLK0
8
41 DIF_0#
PCICLK1
9
40 VDD
VDD 10
39 DIF_1
**OE_6 11
38 DIF_1#
DIF_6 12
37 **OE_1
DIF_6# 13
36 VDD
VDD 14
35 GND
GND 15
34 **OE_2
**OE_5 16
33 DIF_2
DIF_5 17
32 DIF_2#
DIF_5# 18
31 VDD
VDD 19
30 DIF_3
DIF_4 20
29 DIF_3#
DIF_4# 21
28 *OE_3
*OE_4 22
27 **SEL14M_25M#
SDATA 23
26 *SPREAD
SCLK 24
25 DIF_STOP#
Notes:
Pins preceeded by * have 120 Kohm pull DOWN resistors
Pins preceeded by ** have 120 Kohm pull UP resistors
Frequency Select Table
SEL14M_25M#
(FS3)
FS2FS1 FS0OUTPUT(MHz)
0
000
100.00
0
001
125.00
0
010
133.33
0
011
166.67
0
100
200.00
0
101
266.66
0
110
333.33
0
111
400.00
1
000
100.00
1
001
125.00
1
010
133.33
1
011
166.67
1
100
200.00
1
101
266.66
1
110
333.33
1
111
400.00
*Other names and brands may be claimed as the property of others.


Similar Part No. - ICS9FG107

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Device Techn...
ICS9FG107YFLFT IDT-ICS9FG107YFLFT Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107YFLFT RENESAS-ICS9FG107YFLFT Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Device Techn...
ICS9FG107YFLNT IDT-ICS9FG107YFLNT Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG107

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Circuit Syst...
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
100 MHz Differential Buffer for PCI Express and SATA
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
Ten 100MHz clocks for PCI Express
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com