Electronic Components Datasheet Search
  English  ▼

X  

PC731 Datasheet(PDF) 1 Page - Picker Components

Part # PC731
Description  1 Pole To 3 Pole 10 Amp Plug In or Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC731 Datasheet(HTML) 1 Page - Picker Components

  PC731 Datasheet HTML 1Page - Picker Components PC731 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 Pole To 3 Pole 10 Amp Plug In or Panel Mount Relay
FEATURES
3/16 inch male QC terminals
Up to 10 amp switching capacity
Available with indicator light
Up to 1/2 horsepower rating
Available with push to test button
Sockets available from Picker Components
PC731
Load Type
General Purpose
Resistive
Motor
Voltage
120 VAC
240 VAC
28 VDC
240 VAC
120 VAC
All Versions
10 A
10 A
10 A
1/2 HP
1/3HP
UL/CSA RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
1 X 107
1 X 105
CHARACTERISTICS
Operate Time
20 ms. Max.
Release Time
Insulation Resistance
20 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between coil and contacts
500 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
DC coil 1.2 W, AC coil 2 VA
Ambient Temperature Range
-45 to 70 C, -40 to 130 C storage
Weight
80 grams approx.
120 VAC
240 VAC
10 A
10 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
All Contacts
PC731 Rev A 5-1-02
1500 Vrms, 1 min. between contact poles
PAGE 1
File # E93379
Certificate # LR 109231
ORDERING INFORMATION
Example:
PC731
Model
LM
Coil Voltage
2C-
Contact Form
1C, 2C, or 3C
120 A
XXX VDC or XXX VAC
Case Style
C: Plain Case, C1: Side Flange, C3: Top Flange
Available with side or top mounting flange
Options
Nil: None; L: Indicator light; M: Push to test
C1-


Similar Part No. - PC731

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
30 Amp Power Relay
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
30 Amp Power Relay
logo
Switchcraft, Inc.
PC732AH SWITCH-PC732AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC732AH SWITCH-PC732AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC732AH. SWITCH-PC732AH. Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results

Similar Description - PC731

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC703 PICKER-PC703 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A
logo
Teledyne Technologies I...
MX2P46D4T-02 TELEDYNE-MX2P46D4T-02 Datasheet
104Kb / 2P
2-Pole or 3-Pole 4A 460 Vac DIN-Rail SSR
logo
Pomona Electronics
6873 POMONA-6873 Datasheet
84Kb / 1P
쩌??Phone Plug 2 Pole (Mono), 3 Pole (Stereo)
logo
Schurter Inc.
6765 SCHURTER-6765 Datasheet
453Kb / 4P
IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
logo
List of Unclassifed Man...
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
Schneider Electric
QO110 SCHNEIDER-QO110 Datasheet
115Kb / 3P
QO mini breaker, 10 A, 1 pole, 120/240 V, 10 kA, plug in
Dec 4, 2019
logo
Neutrik AG
NP3XL NEUTRIK-NP3XL Datasheet
55Kb / 2P
3 pole 1/4' professional phone plug, up to 10 mm cable O.D.
logo
Molex Electronics Ltd.
1200680294 MOLEX-1200680294 Datasheet
48Kb / 1P
Micro-Change (M12) In-Line Splitter, 4 Pole, 1 x 4-Pole Male (Straight) to 2 x 3-Pole Female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com