Electronic Components Datasheet Search
  English  ▼

X  

2SB1644J Datasheet(PDF) 2 Page - Rohm

Part # 2SB1644J
Description  PNP -4A -80V Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1644J Datasheet(HTML) 2 Page - Rohm

  2SB1644J Datasheet HTML 1Page - Rohm 2SB1644J Datasheet HTML 2Page - Rohm 2SB1644J Datasheet HTML 3Page - Rohm 2SB1644J Datasheet HTML 4Page - Rohm 2SB1644J Datasheet HTML 5Page - Rohm 2SB1644J Datasheet HTML 6Page - Rohm 2SB1644J Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SB1644J
Electrical characteristics (Ta = 25°C)
*3 hFE rank
*4 See switching time test circuit
hFE rank categories
Rank
E
F
pF
Transition frequency
fT
VCE = 5V, IE = 500mA
f=5MHZ
-12
-ns
ns
Storage time
tstg
*4
-
1000
hFE
100 to 200
160 to 320
VBE(sat)
IC = 3A, IB = 300mA
tf
*4
Collector cut-off current
ICBO
VCB = 80V
--
Emitter cut-off current
IEBO
VEB = 4V
--
V
DC current gain
hFE
*3
VCE = 5V, IC = 1A
100
Unit
V

-V
-V
10

10
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Collector-emitter
breakdown voltage
BVCEO
IC = 1mA
80
-
Collector-base
breakdown voltage
BVCBO
IC = 50A
80
--
Emitter-base
breakdown voltage
BVEBO
IE = 50A
5
-
-
320
-
Collector-emitter
saturation voltage
VCE(sat)
IC = 3A, IB = 300mA
--
1.5
Base-emitter
saturation voltage
V
--
1.5
-
-
-ns
Turn-on time
ton
*4
IC= 2A
IB1= 200mA
IB2=200mA
VCC⋍ 40V
-
160
-
Fall time
600
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A,
f = 1MHz
-
100
-
Pw
Pw
~
_ 50μs
VIN
IB1
IB2
IC
RL=20Ω
VCC
~
_ -40V
DUTY CYCLE <
_ 1%
BASE CURENT
WAVEFORM
COLLECTOR CURRENT
WAVEFORM
IB2
IB1
90%
10%
tstg
ton
tf
IC
2/6
2013.03 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com