Electronic Components Datasheet Search
  English  ▼

X  

B1644J Datasheet(PDF) 4 Page - Rohm

Part # B1644J
Description  PNP -4A -80V Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

B1644J Datasheet(HTML) 4 Page - Rohm

  B1644J Datasheet HTML 1Page - Rohm B1644J Datasheet HTML 2Page - Rohm B1644J Datasheet HTML 3Page - Rohm B1644J Datasheet HTML 4Page - Rohm B1644J Datasheet HTML 5Page - Rohm B1644J Datasheet HTML 6Page - Rohm B1644J Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SB1644J
Electrical characteristic curves(Ta = 25°C)
-0.1
-1
-10
-1
-10
-100
-1000
-10000
Ta=
40ºC
25ºC
75ºC
125ºC
IC /IB = 10
Pulsed
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
IC /IB = 10
Ta=125ºC
75ºC
25ºC
40ºC
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
Ta=25ºC
IC /IB =50/1
20/1
10/1
1
10
100
110
100
1000
Ta=25ºC
VCE= 5V
f=5MHz
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
COLLECTOR CURRENT : IC [mA]
COLLECTOR CURRENT : IC [mA]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : IC [mA]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT :IE [mA]
4/6
2013.03 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com