Electronic Components Datasheet Search
  English  ▼

X  

2SC2389 Datasheet(PDF) 1 Page - Rohm

Part # 2SC2389
Description  Noise Amp. Epitaxial Planar NPN Silicon Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC2389 Datasheet(HTML) 1 Page - Rohm

  2SC2389 Datasheet HTML 1Page - Rohm 2SC2389 Datasheet HTML 2Page - Rohm 2SC2389 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC2389

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2389S ROHM-2SC2389S Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SC2389S ROHM-2SC2389S Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
logo
Jiangsu Changjiang Elec...
2SC2389S JIANGSU-2SC2389S Datasheet
770Kb / 3P
TO-92S Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2389

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC1652 ROHM-2SC1652 Datasheet
311Kb / 4P
Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
2SD1226M ROHM-2SD1226M Datasheet
207Kb / 3P
Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com