Electronic Components Datasheet Search
  English  ▼

X  

PC537 Datasheet(PDF) 1 Page - Picker Components

Part # PC537
Description  Ultraminiature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC537 Datasheet(HTML) 1 Page - Picker Components

  PC537 Datasheet HTML 1Page - Picker Components PC537 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultraminiature Automotive PCB Power Relay
FEATURES
Ultraminiature design very light weight
Through hole or SMT construction
Sealed, immersion cleanable
Contact switching capacity up to 100 Amps
105 degrees C operating temperature
PC537
Max. Switching Voltage
16 VDC
1 Form A or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
3 ms. typical
Release Time
Insulation Resistance
1.5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.55 W
Ambient Temperature Range
-40 to 105 degrees C operating, -40 to 100 storage
Weight
4 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC537 Rev D 12-2-05
PAGE 1
ORDERING INFORMATION
Example:
PC537
Model
-1C
1A or 1C
Contact Material
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
SPST NO or SPDT
Nil: AgSnOInO; C: AgCdO; N: AgNi
Contact Form
-N
Contact Form
Max Switching Current
Break 30 Amps
Make 100 Amps
NO/30 Amps, NC/25 Amps
AgNiO 15 (Silver Nickel Oxide 15%)
Max. Continuous Current
Minimum Load
0.5 Amps @ 12 VDC
Drop Resistance
1 Meter height drop on concrete
Coil Voltage
Mounting Style
Nil: Through Hole, S: SMT
S
Case Style
C: Dust cover; S: Sealed
S


Similar Part No. - PC537

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC537-1A-10C-G-X PICKER-PC537-1A-10C-G-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-10C-N-X PICKER-PC537-1A-10C-N-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-10S-G-X PICKER-PC537-1A-10S-G-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-10S-N-X PICKER-PC537-1A-10S-N-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-12C-G-X PICKER-PC537-1A-12C-G-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
More results

Similar Description - PC537

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC566 PICKER-PC566 Datasheet
136Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com