Electronic Components Datasheet Search
  English  ▼

X  

STFH40N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFH40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFH40N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STFH40N60M2 Datasheet HTML 1Page - STMicroelectronics STFH40N60M2 Datasheet HTML 2Page - STMicroelectronics STFH40N60M2 Datasheet HTML 3Page - STMicroelectronics STFH40N60M2 Datasheet HTML 4Page - STMicroelectronics STFH40N60M2 Datasheet HTML 5Page - STMicroelectronics STFH40N60M2 Datasheet HTML 6Page - STMicroelectronics STFH40N60M2 Datasheet HTML 7Page - STMicroelectronics STFH40N60M2 Datasheet HTML 8Page - STMicroelectronics STFH40N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2016
DocID029433 Rev 1
1/12
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
STFH40N60M2
N-
channel 600 V, 0.078 Ω typ., 34 A MDmesh™ M2
Power MOSFET in a TO-220FP wide creepage package
Datasheet - preliminary data
Figure 1: Internal schematic diagram
Features
Order codes
VDS @ TJmax
RDS(on) max
ID
STFH40N60M2
650 V
0.088 Ω
34 A
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Wide creepage distance of 4.25 mm
between the pins
Applications
Switching applications
LLC converters, resonant converters
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
The TO-220FP wide creepage package provides
increased surface insulation for Power MOSFETs
to prevent failure due to arcing, which can occur
in polluted environments.
Table 1: Device summary
Order codes
Marking
Package
Packaging
STFH40N60M2
40N60M2
TO-220FP wide creepage
Tube
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STFH40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFH10N60M2 STMICROELECTRONICS-STFH10N60M2 Datasheet
1Mb / 12P
Extremely low gate charge
18-Aug-2016
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
30-May-2019
STFH13N60M2 STMICROELECTRONICS-STFH13N60M2 Datasheet
674Kb / 12P
Extremely low gate charge
10-Jun-2016
STFH18N60M2 STMICROELECTRONICS-STFH18N60M2 Datasheet
692Kb / 12P
Extremely low gate charge
16-Jun-2016
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
More results

Similar Description - STFH40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STF43N60DM2 STMICROELECTRONICS-STF43N60DM2 Datasheet
418Kb / 13P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
01-Jul-2015
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STW40N60M2-4 STMICROELECTRONICS-STW40N60M2-4 Datasheet
293Kb / 12P
N-channel 600 V, 78 m typ., 34 A MDmesh M2 Power MOSFET in a TO247-4 package
10-Dec-2020
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
30-May-2019
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com